Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT200A Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT200A
Description  miniature SMD Watch Crystal with excellent low power consumption,
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT200A Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT200A Datasheet HTML 1Page - Advanced Crystal Technology ACT200A Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT200A
Tape and Reel specification
Standard reel quantity 3000 pieces per reel
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Issue 1 E2
Date 20-12-06
SOLDERING of SMD WATCH CRYSTALS
Reflow oven should be set up to emulate or better the maximum reflow profile shown in the diagram below. Note it is just as
important to conform to the times given as well as the temperatures.
W
A
BC
D
330
80 OR 100
17.5
8
9.25
16
2.7
REEL
TAPE
DIMENSIONS (mm)
2 of 2


Similar Part No. - ACT200A

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT200A ACT-ACT200A_13 Datasheet
327Kb / 3P
   miniature SMD Watch Crystal with excellent low power consumption
31-05-2012
More results

Similar Description - ACT200A

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT200A ACT-ACT200A_13 Datasheet
327Kb / 3P
   miniature SMD Watch Crystal with excellent low power consumption
31-05-2012
logo
Vishay Siliconix
XT38P VISHAY-XT38P Datasheet
111Kb / 1P
   Miniature SMD Watch Crystal
Revision: 17-Jun-05
logo
Fox Electronics
FST327 FOX-FST327 Datasheet
190Kb / 1P
   MINIATURE SMD TUNING FORK WATCH CRYSTAL
logo
Advanced Crystal Techno...
ACT200 ACT-ACT200 Datasheet
270Kb / 2P
   ultra miniature surface mount Watch Crystal with a low power consumption making it ideal for
30-06-06
logo
List of Unclassifed Man...
ACT201 ETC2-ACT201 Datasheet
132Kb / 2P
   miniature surface mount Watch Crystal whose low power
logo
Ningbo songle relay co....
SLB SONGLERELAY-SLB Datasheet
5Mb / 3P
   Low coil power consumption with excellent performance
logo
Advanced Crystal Techno...
ACT90 ACT-ACT90 Datasheet
290Kb / 4P
   miniature surface mount Watch Crystal
16/06/05
ACT201 ACT-ACT201 Datasheet
132Kb / 2P
   miniature surface mount Watch Crystal
17/08/04
logo
Golledge Electronics Lt...
GSX-315 GOLLEDGE-GSX-315_18 Datasheet
593Kb / 5P
   Miniature SM 32.768kHz Watch Crystal
logo
List of Unclassifed Man...
AWS2 ETC2-AWS2 Datasheet
56Kb / 1P
   32.768kHz SMD Watch Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com