Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLB311611-0060PP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MLB311611-0060PP
Description  MULTILAYER TYPE HIGH CURRENT FERRITE CHIP BEAD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLB311611-0060PP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MLB311611-0060PP Datasheet HTML 1Page - List of Unclassifed Manufacturers MLB311611-0060PP Datasheet HTML 2Page - List of Unclassifed Manufacturers MLB311611-0060PP Datasheet HTML 3Page - List of Unclassifed Manufacturers MLB311611-0060PP Datasheet HTML 4Page - List of Unclassifed Manufacturers MLB311611-0060PP Datasheet HTML 5Page - List of Unclassifed Manufacturers MLB311611-0060PP Datasheet HTML 6Page - List of Unclassifed Manufacturers MLB311611-0060PP Datasheet HTML 7Page - List of Unclassifed Manufacturers MLB311611-0060PP Datasheet HTML 8Page - List of Unclassifed Manufacturers MLB311611-0060PP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HIGH CURRENT FERRITE CHIP BEAD
MULTI LAYER TYPE
15
Specifications
3000 Standard rated current
2500 available option
P/N with standard
Impedance
Test
DCR
Standard
Rated Current Selection Chart (mA)
rated current
(
Ω)
Freq.
max.(
Ω)
Rated
+/- 25%
(MHz)
Current (mA)
LM
N
P
Q
R
U
W
MLB-160808-0030PQ
30
100
0.040
3000
1000 1500 2000 2500 3000
MLB-160808-0060PQ
60
100
0.040
3000
1000 1500 2000 2500 3000
--
-
MLB-160808-0080PQ
80
100
0.040
3000
1000 1500 2000 2500 3000
MLB-160808-0120PP
120
100
0.070
2500
1000 1500 2000 2500
--
-
-
MLB-160808-0220PN
220
100
0.090
2000
1000 1500 2000
--
-
-
-
MLB-160808-0300PN
300
100
0.090
2000
1000 1500 2000
--
-
-
-
MLB-160808-0450PM
450
100
0.150
1500
1000 1500
--
-
-
-
-
MLB-160808-0600PL
600
100
0.200
1000
1000 1500
-
-
-
-
-
-
MLB-201209-0011PW
11
100
0.015
6000
1000 1500 2000 2500 3000 4000 5000 6000
MLB-201209-0031PW
31
100
0.015
6000
1000 1500 2000 2500 3000 4000 5000 6000
MLB-201209-0040PR
40
100
0.030
4000
1000 1500 2000 2500 3000 4000
--
MLB-201209-0060PQ
60
100
0.040
3000
1000 1500 2000 2500 3000
--
-
MLB-201209-0080PU
80
100
0.020
5000
1000 1500 2000 2500 3000 4000 5000
-
MLB-201209-0090PU
90
100
0.020
5000
1000 1500 2000 2500 3000 4000 5000
-
MLB-201209-0120PU
120
100
0.020
5000
1000 1500 2000 2500 3000 4000 5000
-
MLB-201209-0220PQ
220
100
0.040
3000
1000 1500 2000 2500 3000
--
-
MLB-201209-0250PQ
250
100
0.040
3000
1000 1500 2000 2500 3000
--
-
MLB-201209-0300PN
300
100
0.090
2000
1000 1500 2000
--
-
-
-
MLB-201209-0330PN
330
100
0.090
2000
1000 1500 2000
--
-
-
-
MLB-201209-0600PN
600
100
0.090
2000
1000 1500 2000
--
-
-
-
MLB-321611-0050PW
50
100
0.015
6000
1000 1500 2000 2500 3000 4000 5000 6000
MLB-321611-0060PQ
60
100
0.040
3000
1000 1500 2000 2500 3000
--
-
MLB-321611-0075PQ
75
100
0.040
3000
1000 1500 2000 2500 3000
--
-
MLB-321611-0080PR
80
100
0.030
4000
1000 1500 2000 2500 3000 4000
--
MLB-321611-0090PQ
90
100
0.040
3000
1000 1500 2000 2500 3000
--
-
MLB-321611-0120PW
120
100
0.015
6000
1000 1500 2000 2500 3000 4000 5000 6000
MLB-321611-0150PN
150
100
0.090
2000
1000 1500 2000
--
-
-
-
MLB-321611-0500PP
500
100
0.070
2500
1000 1500 2000 2500
--
-
-
MLB-321611-0600PP
600
100
0.070
2500
1000 1500 2000 2500
--
-
-
MLB-321611-1200PL
1200
100
0.200
1000
1000
--
-
-
-
-
-
MLB-322513-0060PM
60
100
0.15
1500
1000 1500
--
-
-
-
-
MLB-322513-1000PN
1000
100
0.09
2000
1000 1500 2000
--
-
-
-
MLB-451616-0060PW
60
100
0.015
6000
1000 1500 2000 2500 3000 4000 5000 6000
MLB-451616-0080PW
80
100
0.015
6000
1000 1500 2000 2500 3000 4000 5000 6000
MLB-451616-0470PN
470
100
0.09
2000
1000 1500 2000
-
-
-
-
-
MLB-451616-0850PM
850
100
0.15
1500
1000 1500
--
-
-
-
-
MLB-453215-0080PW
80
100
0.015
6000
1000 1500 2000 2500 3000 4000 5000 6000
MLB-453215-0120PW
120
100
0.020
6000
1000 1500 2000 2500 3000 4000 5000 6000
MLB-453215-0150PW
150
100
0.015
6000
1000 1500 2000 2500 3000 4000 5000 6000
MLB-453215-0600PQ
600
50
0.040
3000
1000 1500 2000 2500 3000
--
-
MLB-453215-0680PQ
680
50
0.040
3000
1000 1500 2000 2500 3000
--
-
MLB-453215-1300PQ
1300
60
0.040
3000
1000 1500 2000 2500 3000
--
-


Similar Part No. - MLB311611-0060PP

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLB30-250-RC ALLIED-MLB30-250-RC Datasheet
290Kb / 1P
   Multilayer Ferrite Beads
MLB30-250-RC ALLIED-MLB30-250-RC Datasheet
291Kb / 1P
   Multilayer Ferrite Beads
MLB30-50 ALLIED-MLB30-50 Datasheet
291Kb / 1P
   Multilayer Ferrite Beads
MLB30-600-RC ALLIED-MLB30-600-RC Datasheet
290Kb / 1P
   Multilayer Ferrite Beads
MLB30-600-RC ALLIED-MLB30-600-RC Datasheet
291Kb / 1P
   Multilayer Ferrite Beads
More results

Similar Description - MLB311611-0060PP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
11.11.13
logo
List of Unclassifed Man...
ACMS160808A121-2A ETC-ACMS160808A121-2A Datasheet
375Kb / 17P
   Multilayer High Current Ferrite Chip Bead (for Power Line)
logo
Socay Electornics Co., ...
SCPB1005S100NPF SOCAY-SCPB1005S100NPF Datasheet
236Kb / 6P
   Chip Ferrite Bead for High Current
logo
List of Unclassifed Man...
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
   Multilayer Ferrite Chip Bead
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0603 ABRACON-ACML-0603 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
logo
Caliber Electronics Inc...
BF-NB100505 CALIBER-BF-NB100505 Datasheet
28Kb / 1P
   Multilayer Ferrite Chip Bead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com