Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT634SMX-2 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT634SMX-2
Description  low cost, 2 pad, high quality, low aging 6x3.5mm SMD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT634SMX-2 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT634SMX-2 Datasheet HTML 1Page - Advanced Crystal Technology ACT634SMX-2 Datasheet HTML 2Page - Advanced Crystal Technology ACT634SMX-2 Datasheet HTML 3Page - Advanced Crystal Technology ACT634SMX-2 Datasheet HTML 4Page - Advanced Crystal Technology ACT634SMX-2 Datasheet HTML 5Page - Advanced Crystal Technology ACT634SMX-2 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel : 0044 (0)118 979 1238
Fax : 0044 (0)118 979 1283
email : info@actcrystals.com
Parameter
Symbol
Specification
Condition
Frequency Range
fo
10.0 ~ 100.0MHz
Frequency Tolerance (@25°C)
Δf/fo
±20,±30 & ±50ppm(Std )
Stability over temp range
Tc
±20ppm ~ 50ppm (See table 2)
Temp Operating Range
Topr
0~+50°C ~ -20~+70°C ( See table 2)
Temp Storage Range
Tstg
-40 ~+85°C
Equivalent Series Resistance
ESR
See table 1
Load Capacitance
CL
16pF ~ 50pF & Series
Shunt Capacitance
C0
5pF max
Drive Level
DL
100
μW typical (500μW max)
Insulation Resistance
IR
500M
Ω min
Aging
Fa
±5ppm p/year*
* A ±3ppm aging p/year part is available as a "semi-custom" device - Please enquire
Table 1
ESR (
Ω) max
Mode / Cut
Fundamental / AT
Fundamental / AT
Fundamental / AT
3
RD Overtone / AT
3
RD Overtone / AT
Dimensions (mm)
@100V DC
(Custom available - Please enquire)
(First year max @ 25°C)
80.000 ~ 100.000
90
80
50
10.000 ~ 11.999
12.000 ~ 14.999
(MHz)
Specification
The ACT634SMX-2 family is a low cost, 2 pad, high quality, low aging 6x3.5mm SMD Crystal in a
ceramic base / ceramic lid package, glass sealed for good reliability. The wide frequency range and
specification options ensure suitability for many applications.
APPLICATIONS: Instrumentation, Audio-visual, Security, PC accessory, Office automation, Micro
Clock, Process Control & Consumer.
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature & Load Capacitance
Please note that all parameters can not necessarily be specified in the same devic
Please specify
Please specify
Please specify
Please specify
(16,20 & 30pF Std )
ACT634SMX-2
ISO9001:2000 Registered
Freq. Range
15.000 ~ 49.090
45.000 ~ 79.999
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
90
40
Pad Surface Material: Gold (Au)
Withdrawn no longer available
12/11/2007
1 of 6


Similar Part No. - ACT634SMX-2

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT634SMX-2 ACT-ACT634SMX-2_12 Datasheet
181Kb / 2P
   low cost, 2 pad, high quality, low aging 6x3.5mm SMD
31-5-2012
More results

Similar Description - ACT634SMX-2

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT634SMX-2 ACT-ACT634SMX-2_12 Datasheet
181Kb / 2P
   low cost, 2 pad, high quality, low aging 6x3.5mm SMD
31-5-2012
ACT844SMX-2 ACT-ACT844SMX-2 Datasheet
172Kb / 3P
   low cost, 2 pad, high quality, low aging 8x4.5mm SMD Crystal
03/05/06
ACT752SMX-2 ACT-ACT752SMX-2 Datasheet
196Kb / 2P
   low cost, 2 pad, high quality, low aging 7x5mm SMD Crystal
31-5-2012
ACT753SMX-2 ACT-ACT753SMX-2 Datasheet
113Kb / 2P
   2 pad, high quality, low aging SMD
17/08/04
ACT750SMX-4 ACT-ACT750SMX-4_12 Datasheet
135Kb / 2P
   low cost, 4 & 2 pad, high quality, low aging 7x5mm SMD Crystal
18-7-2012
ACT750SMX-2 ACT-ACT750SMX-2 Datasheet
172Kb / 3P
   low cost, 4 & 2 pad, high quality, low aging 7x5mm SMD Crystal
05/04/06
ACT325SMX-4 ACT-ACT325SMX-4 Datasheet
283Kb / 3P
   low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal
17/12/06
ACT325SMX-4 ACT-ACT325SMX-4_12 Datasheet
305Kb / 4P
   low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal
18-7-2012
ACT530SMX-2 ACT-ACT530SMX-2 Datasheet
129Kb / 2P
   2/4 pad, high quality, low aging 5x3.2mm SMD
24/01/07
ACT321AK-SMX-4 ACT-ACT321AK-SMX-4 Datasheet
216Kb / 2P
   a low cost, 4 pad, high quality, low aging 3.4X2.7mm SMD Crysta
06/03/07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com