Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB94R215B Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB94R215B
Description  Microcontroller for Multiapplication SmartCard
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB94R215B Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB94R215B_1 Datasheet HTML 2Page - Fujitsu Component Limited. MB94R215B_1 Datasheet HTML 3Page - Fujitsu Component Limited. MB94R215B_1 Datasheet HTML 4Page - Fujitsu Component Limited. MB94R215B_1 Datasheet HTML 5Page - Fujitsu Component Limited. MB94R215B_1 Datasheet HTML 6Page - Fujitsu Component Limited. MB94R215B_1 Datasheet HTML 7Page - Fujitsu Component Limited. MB94R215B_1 Datasheet HTML 8Page - Fujitsu Component Limited. MB94R215B_1 Datasheet HTML 9Page - Fujitsu Component Limited. MB94R215B_1 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MB94R215B
6
■ HANDLING DEVICES
1.
Preventing Latchup
Latch-up may occur in a CMOS IC if a voltage greater than VCC or less than VSS is applied to an input or output
pin, or if an above-rating voltage is applied between VCC and VSS. A latchup, if it occurs, significantly increases
the power supply current and may cause thermal destruction of an element. When you use a CMOS IC, be very
careful not to exceed the absolute maximum rating.
2.
Treatment of N.C. pins
Be sure to use NC pins in open state.
3.
Rising time for power supply voltage
Ensure that the power supply rise time is 100
µs or less when using contact mode operation but, which may
cause misoperation resulting in the corruption of FRAM data.
4.
Power supply off time
Ensure that the power supply off time is 1ms or longer when using contact mode operation.
5.
Magnetic field strength rise time
See the “■ RF INTERFACE in CONTACTLESS OPERATION” section for points to note regarding contactless
operation.
6.
When using both contact and contactless operation
When operating in contact mode, ensure there is no RF input from the antenna. When operating in contactless
mode, ensure that the contact terminals are open circuit.


Similar Part No. - MB94R215B_1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB94R215BPMB FUJITSU-MB94R215BPMB Datasheet
126Kb / 18P
   Microcontroller for Multiapplication SmartCard
More results

Similar Description - MB94R215B_1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB94R215B FUJITSU-MB94R215B Datasheet
126Kb / 18P
   Microcontroller for Multiapplication SmartCard
logo
STMicroelectronics
AN2646 STMICROELECTRONICS-AN2646 Datasheet
446Kb / 43P
   Smartcard interface with the STM8S microcontroller
logo
OKI electronic componet...
ML69240 OKI-ML69240 Datasheet
92Kb / 13P
   Intelligent Microcontroller Driven Dual Smartcard Reader IC
logo
STMicroelectronics
STEVAL-IPT005V1 STMICROELECTRONICS-STEVAL-IPT005V1 Datasheet
310Kb / 4P
   Smartcard connector for testing with a smartcard
April 2014 Rev 2
logo
ELATEC GmbH
HKSD-B ELATEC-HKSD-B Datasheet
227Kb / 2P
   TWN4 SmartCard holder Mounting solution for TWN4 MultiTech SmartCard readers
11/2023
logo
FCI connector
7434L0825S01 FCI-CONNECTOR-7434L0825S01 Datasheet
94Kb / 1P
   SMARTCARD ASSEMBLY
logo
STMicroelectronics
ST8024 STMICROELECTRONICS-ST8024 Datasheet
892Kb / 23P
   SMARTCARD INTERFACE
ST8024 STMICROELECTRONICS-ST8024_06 Datasheet
598Kb / 30P
   Smartcard interface
ST8024L STMICROELECTRONICS-ST8024L Datasheet
710Kb / 35P
   Smartcard interface
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
   Smartcard manager for reader and writer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com