Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95110M Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB95110M
Description  8-bit Microcontrollers
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95110M Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB95110M Datasheet HTML 1Page - Fujitsu Component Limited. MB95110M Datasheet HTML 2Page - Fujitsu Component Limited. MB95110M Datasheet HTML 3Page - Fujitsu Component Limited. MB95110M Datasheet HTML 4Page - Fujitsu Component Limited. MB95110M Datasheet HTML 5Page - Fujitsu Component Limited. MB95110M Datasheet HTML 6Page - Fujitsu Component Limited. MB95110M Datasheet HTML 7Page - Fujitsu Component Limited. MB95110M Datasheet HTML 8Page - Fujitsu Component Limited. MB95110M Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
MB95110M Series
5
(Continued)
*1 : For ROM capacitance and RAM capacitance, refer to “
■ MEMORY LINEUP”.
*2 : When the MASK ROM is ordered, please select yes/no for the clock mode, low voltage detection, clock
supervisor and reset output.
*3 : Specify clock mode when ordering MASK ROM.
Note : Part number of the evaluation products in MB95110M series is MB95FV100D-103. When using it, the MCU
board (MB2146-303A) is required.
MB95117M
MB95F114MS/
MB95F116MS/
MB95F118MS
MB95F114NS/
MB95F116NS/
MB95F118NS
MB95F114MW/
MB95F116MW/
MB95F118MW/
MB95F114NW/
MB95F116NW/
MB95F118NW
MB95F114JS/
MB95F116JS/
MB95F118JS
MB95F114JW/
MB95F116JW/
MB95F118JW
LIN-UART
(1 channel)
Dedicated reload timer allowing a wide range of communication speeds to be set.
Full duplex double buffer.
Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer
capable.
LIN functions available as the LIN master or LIN slave.
8/10-bit A/D
converter
(8 channels)
8-bit or 10-bit resolution can be selected.
8/16-bit
compound
timer
(2 channels)
Each channel of the timer can be used as “8-bit timer
× 2 channels” or
“16-bit timer
× 1 channel”.
Built-in timer function, PWC function, PWM function, capture function, and square waveform
output
Count clock : 7 internal clocks and external clock can be selected
16-bit PPG
(1 channel)
PWM mode or one-shot mode can be selected.
Counter operating clock : 8 selectable clock sources
Support for external trigger start
8/16-bit PPG
(2 channels)
Each channel of the PPG can be used as 8-bit PPG
× 2 channelsor 16-bit PPG × 1 channel.
Counter operating clock : Eight selectable clock sources
Watch counter
(for dual clock
product)
Count clock : 4 selectable clock sources (125 ms, 250 ms, 500 ms, or 1 s)
Counter value can be set from 0 to 63 (Capable of counting for 1minute when
selecting clock source 1 second and setting counter value to 60).
Watch
prescaler
(for dual clock
product)
(1 channel)
4 selectable interval times (125 ms, 250 ms, 500 ms, or 1 s)
External
interrupt
(8 channels)
Interrupt by edge detection (rising, falling, or both edges can be selected.)
Can be used to recover from standby modes.
Flash memory
Supports automatic programming, Embedded Algorithm
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of write/erase cycles (Minimum) : 10000 times
Data retention time: 20 years
Erase can be performed on each block
Block protection with external programming voltage
Dual operation Flash memory
Flash Security Feature for protecting the content of the Flash
Standby mode
Sleep, stop, watch (for dual clock product) , and time-base timer
Part number
Parameter


Similar Part No. - MB95110M

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB95110M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com