Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F100T-90XM6R Datasheet(PDF) 9 Page - STMicroelectronics

Part # M29F100T-90XM6R
Description  1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F100T-90XM6R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M29F100T-90XM6R Datasheet HTML 5Page - STMicroelectronics M29F100T-90XM6R Datasheet HTML 6Page - STMicroelectronics M29F100T-90XM6R Datasheet HTML 7Page - STMicroelectronics M29F100T-90XM6R Datasheet HTML 8Page - STMicroelectronics M29F100T-90XM6R Datasheet HTML 9Page - STMicroelectronics M29F100T-90XM6R Datasheet HTML 10Page - STMicroelectronics M29F100T-90XM6R Datasheet HTML 11Page - STMicroelectronics M29F100T-90XM6R Datasheet HTML 12Page - STMicroelectronics M29F100T-90XM6R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Mne.
Instr.
Cyc.
1st Cyc.
2nd Cyc.
3rd Cyc.
4th Cyc.
5th Cyc.
6th Cyc.
7th Cyc.
RD
(2,4)
Read/Reset
Memory Array
1+
Addr.
(3,7)
X
Read Memory Array until a new write cycle is initiated.
Data
F0h
3+
Addr.
(3,7)
Byte
AAAAh
5555h
AAAAh
Read Memory Array until a new write cycle
is initiated.
Word
5555h
2AAAh
5555h
Data
AAh
55h
F0h
AS
(4)
Auto Select
3+
Addr.
(3,7)
Byte
AAAAh
5555h
AAAAh
Read Electronic Signature or Block
Protection Status until a new write cycle is
initiated. See Note 5 and 6.
Word
5555h
2AAAh
5555h
Data
AAh
55h
90h
PG
Program
4
Addr.
(3,7)
Byte
AAAAh
5555h
AAAAh
Program
Address
Read Data Polling or Toggle Bit
until Program completes.
Word
5555h
2AAAh
5555h
Data
AAh
55h
A0h
Program
Data
BE
Block Erase
6
Addr.
(3,7)
Byte
AAAAh
5555h
AAAAh
AAAAh
5555h
Block
Address
Additional
Block
(8)
Word
5555h
2AAAh
5555h
5555h
2AAAh
Data
AAh
55h
80h
AAh
55h
30h
30h
CE
Chip Erase
6
Addr.
(3,7)
Byte
AAAAh
5555h
AAAAh
AAAAh
5555h
AAAAh
Note 9
Word
5555h
2AAAh
5555h
5555h
2AAAh
5555h
Data
AAh
55h
80h
AAh
55h
10h
ES
(10)
Erase
Suspend
1
Addr.
(3,7)
X
Read until Toggle stops, then read all the data needed from any
Block(s) not being erased then Resume Erase.
Data
B0h
ER
Erase
Resume
1
Addr.
(3,7)
X
Read Data Polling or Toggle Bits until Erase completes or Erase is
suspended another time
Data
30h
Notes: 1. Commands not interpreted in this table will default to read array mode.
2. A wait of tPLYH is necessary after a Read/Reset command if the memory was in an Erase or Program mode
before starting any new operation (see Table 14 and Figure 9).
3. X = Don’t Care.
4. The first cycles of the RD or AS instructions are followed by read operations. Any number of read cycles can occur after
the command cycles.
5. Signature Address bits A0, A1 at VIL will output Manufacturer code (20h). Address bits A0 at VIH and A1 at VIL will output
Device code.
6. Block Protection Address: A0 at VIL,A1 at VIH and A12-A15 within the Block will output the Block Protection status.
7. For Coded cycles address inputs A15 is don’t care.
8. Optional, additional Blocks addresses must be entered within the erase timeout delay after last write entry,
timeout status can be verified through DQ3 value (see Erase Timer Bit DQ3 description).
When full command is entered, read Data Polling or Toggle bit until Erase is completed or suspended.
9. Read Data Polling, Toggle bits or RB until Erase completes.
10.During Erase Suspend, Read and Data Program functions are allowed in blocks not being erased.
Table 8. Instructions (1)
9/30
M29F100T, M29F100B


Similar Part No. - M29F100T-90XM6R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F100BB-120M1T STMICROELECTRONICS-M29F100BB-120M1T Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
M29F100BB-120M3T STMICROELECTRONICS-M29F100BB-120M3T Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
M29F100BB-120M6T STMICROELECTRONICS-M29F100BB-120M6T Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
M29F100BB-120N1T STMICROELECTRONICS-M29F100BB-120N1T Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
M29F100BB-120N3T STMICROELECTRONICS-M29F100BB-120N3T Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
More results

Similar Description - M29F100T-90XM6R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F100BT STMICROELECTRONICS-M29F100BT Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
logo
Micron Technology
M29F200BB70N6 MICRON-M29F200BB70N6 Datasheet
373Kb / 39P
   2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Single Supply Flash Memory
logo
STMicroelectronics
M29F200T STMICROELECTRONICS-M29F200T Datasheet
224Kb / 33P
   2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
M29F200BT STMICROELECTRONICS-M29F200BT Datasheet
146Kb / 22P
   2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
M29F102BB STMICROELECTRONICS-M29F102BB Datasheet
126Kb / 20P
   1 Mbit 64Kb x16, Boot Block Single Supply Flash Memory
M29F102BB STMICROELECTRONICS-M29F102BB Datasheet
432Kb / 24P
   1 Mbit (64Kb x16, Boot Block) Single Supply Flash Memory
M29W200BT STMICROELECTRONICS-M29W200BT Datasheet
503Kb / 22P
   2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
M29W102BT STMICROELECTRONICS-M29W102BT Datasheet
154Kb / 20P
   1 Mbit 64Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29F160BT STMICROELECTRONICS-M29F160BT Datasheet
174Kb / 22P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory
M29F010B STMICROELECTRONICS-M29F010B Datasheet
402Kb / 20P
   1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com