Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA3528AP3C Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA3528AP3C
Description  3.5x2.8mm PHOTOTRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3528AP3C Datasheet(HTML) 1 Page - Kingbright Corporation

  AA3528AP3C Datasheet HTML 1Page - Kingbright Corporation AA3528AP3C Datasheet HTML 2Page - Kingbright Corporation AA3528AP3C Datasheet HTML 3Page - Kingbright Corporation AA3528AP3C Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAH4435
REV NO: V.1
DATE: MAY/22/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1201002962
3.5x2.8mm PHOTOTRANSISTOR
Part Number: AA3528AP3C
Features
MECHANICALLY AND SPECTRALLY MATCHED TO THE
INFRARED EMITTING LED LAMP.
WATER CLEAR LENS.
PACKAGE : 1500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
Description
Made with NPN silicon phototansistor chips.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
4.The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - AA3528AP3C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528APBC-A KINGBRIGHT-AA3528APBC-A Datasheet
292Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528APBC-Z KINGBRIGHT-AA3528APBC-Z Datasheet
256Kb / 6P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528APBC/A KINGBRIGHT-AA3528APBC/A Datasheet
292Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528APBC/Z KINGBRIGHT-AA3528APBC/Z Datasheet
256Kb / 6P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528APR2C-A KINGBRIGHT-AA3528APR2C-A Datasheet
199Kb / 6P
   3.5x2.8mm SURFACE MOUNT LED LAMP
More results

Similar Description - AA3528AP3C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZTNI45W SUNLED-ZTNI45W Datasheet
189Kb / 4P
   3.5x2.8mm INFRARED EMITTING DIODE
XZMECBDDG45SHTA SUNLED-XZMECBDDG45SHTA Datasheet
431Kb / 10P
   3.5x2.8mm PLCC4 SMD LED
ZMDKVG45W SUNLED-ZMDKVG45W Datasheet
238Kb / 5P
   3.5x2.8mm PLCC4 SMD LED
XZYG45WTHTA SUNLED-XZYG45WTHTA Datasheet
269Kb / 6P
   3.5x2.8mm PLCC2 SMD LED
logo
Kingbright Corporation
AA3528ZGC-G KINGBRIGHT-AA3528ZGC-G Datasheet
265Kb / 5P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528SEEZGKQBKS KINGBRIGHT-AAA3528SEEZGKQBKS Datasheet
335Kb / 8P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528LSYCKT-J3 KINGBRIGHT-AA3528LSYCKT-J3 Datasheet
301Kb / 5P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528LSEEZGKQBKS KINGBRIGHT-AAA3528LSEEZGKQBKS Datasheet
355Kb / 8P
   3.5x2.8mm SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMO45W-2 SUNLED-ZMO45W-2 Datasheet
186Kb / 4P
   3.5x2.8mm SMD CHIP LED LAMP
ZVG45W-2 SUNLED-ZVG45W-2 Datasheet
189Kb / 4P
   3.5x2.8mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com