Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA3020AMGC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AA3020AMGC
Description  3.0x2.0mm SURFACE MOUNT LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3020AMGC Datasheet(HTML) 2 Page - Kingbright Corporation

  AA3020AMGC Datasheet HTML 1Page - Kingbright Corporation AA3020AMGC Datasheet HTML 2Page - Kingbright Corporation AA3020AMGC Datasheet HTML 3Page - Kingbright Corporation AA3020AMGC Datasheet HTML 4Page - Kingbright Corporation AA3020AMGC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAH4216
REV NO: V.3
DATE: JUN/27/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN:Y.L.LI
ERP: 1201002890
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
AA3020AMGC
Mega Green (InGaAlP)
WATER CLEAR
36
80
90
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Mega Green
574
nm
IF=20mA
λD [1]
Dominant Wavelength
Mega Green
568
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Mega Green
26
nm
IF=20mA
C
Capacitance
Mega Green
20
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Mega Green
2.1
2.5
V
IF=20mA
IR
Reverse Current
Mega Green
10
uA
VR=5V
Parameter
Mega Green
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C


Similar Part No. - AA3020AMGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3020ACGCK KINGBRIGHT-AA3020ACGCK Datasheet
331Kb / 5P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020AEC KINGBRIGHT-AA3020AEC Datasheet
332Kb / 5P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020APBC-A KINGBRIGHT-AA3020APBC-A Datasheet
336Kb / 5P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020APBC-Z KINGBRIGHT-AA3020APBC-Z Datasheet
250Kb / 6P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020APBC/A KINGBRIGHT-AA3020APBC/A Datasheet
336Kb / 5P
   3.0x2.0mm SURFACE MOUNT LED LAMP
More results

Similar Description - AA3020AMGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3020CGCK KINGBRIGHT-AA3020CGCK Datasheet
113Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020ACGCK KINGBRIGHT-AA3020ACGCK Datasheet
331Kb / 5P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020APBC-Z KINGBRIGHT-AA3020APBC-Z Datasheet
250Kb / 6P
   3.0x2.0mm SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZM2BB50FS SUNLED-ZM2BB50FS Datasheet
236Kb / 5P
   3.0x2.0mm SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA3021SESK KINGBRIGHT-AA3021SESK Datasheet
298Kb / 6P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020AYC KINGBRIGHT-AA3020AYC Datasheet
332Kb / 5P
   3.0x2.0mm SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMG50FW SUNLED-ZMG50FW Datasheet
190Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
ZMO50FW SUNLED-ZMO50FW Datasheet
187Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA3020MBC KINGBRIGHT-AA3020MBC Datasheet
123Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020MBCK KINGBRIGHT-AA3020MBCK Datasheet
120Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com