Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE450PB5220JR06 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PHE450PB5220JR06
Description  Double metallized film pulse capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE450PB5220JR06 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PHE450PB5220JR06 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE450PB5220JR06 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE450PB5220JR06 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE450PB5220JR06 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE450PB5220JR06 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE450PB5220JR06 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE450PB5220JR06 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE450PB5220JR06 Datasheet HTML 9Page - List of Unclassifed Manufacturers PHE450PB5220JR06 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
239
PHE450
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
400 VDC / 250 VAC
(1 section)
LEAD SPACING 22.5 MM
0.12
6.5
14.5
26.0
22.5
234
3.2
600
58
PHE450KD6120JR06L2
0.15
6.5
14.5
26.0
22.5
234
3.2
600
58
PHE450KD6150JR06L2
0.18
6.5
14.5
26.0
22.5
234
3.2
600
58
PHE450KD6180JR06L2
0.22
7.0
16.5
26.0
22.5
216
3.9
600
52
PHE450KD6220JR06L2
0.27
7.0
16.5
26.0
22.5
216
3.9
600
52
PHE450KD6270JR06L2
0.33
9.0
18.5
26.0
22.5
168
5.6
600
48
PHE450KD6330JR06L2
0.39
9.0
18.5
26.0
22.5
168
5.6
600
48
PHE450KD6390JR06L2
0.47
10.5
19.0
26.0
22.5
264
6.7
600
45
PHE450KD6470JR06L2
0.56
11.0
21.5
26.0
22.5
253
8.0
600
40
PHE450KD6560JR06L2
0.68
13.5
23.0
26.0
22.5
209
10.0
600
35
PHE450KD6680JR06L2
0.82
13.5
23.0
26.0
22.5
209
10.0
600
35
PHE450KD6820JR06L2
1.0
15.5
24.5
26.0
22.5
176
12.0
600
33
PHE450KD7100JR06L2
LEAD SPACING 27.5 MM
0.47
10.5
20.5
31.5
27.5
216
8.0
500
38
PHE450KF6470JR06L2
0.56
10.5
20.5
31.5
27.5
216
8.0
500
38
PHE450KF6560JR06L2
0.68
10.5
20.5
31.5
27.5
216
8.0
500
38
PHE450KF6680JR06L2
0.82
11.5
22.5
31.5
27.5
198
10.6
500
34
PHE450KF6820JR06L2
1.0
13.5
23.0
31.5
27.5
171
12.7
500
32
PHE450KF7100JR06L2
1.2
14.5
24.5
31.5
27.5
153
14.5
500
30
PHE450KF7120JR06L2
1.5
17.5
28.0
31.5
27.5
126
19.7
500
27
PHE450KF7150JR06L2
1.8
19.0
29.0
31.5
27.5
117
22.1
500
25
PHE450KF7180JR06L2
2.2
21.0
30.0
31.5
27.5
108
25.3
500
24
PHE450KF7220JR06L2
LEAD SPACING 37.5 MM
1.0
13.0
24.0
41.0
37.5
140
16.6
300
27
PHE450KR7100JR06L2
1.2
13.0
24.0
41.0
37.5
140
16.6
300
27
PHE450KR7120JR06L2
1.5
13.0
24.0
41.0
37.5
140
16.6
300
27
PHE450KR7150JR06L2
1.8
15.0
26.0
41.0
37.5
119
20.8
300
25
PHE450KR7180JR06L2
2.2
16.5
32.0
41.0
37.5
105
28.1
300
22
PHE450KR7220JR06L2
2.7
16.5
32.0
41.0
37.5
105
28.1
300
22
PHE450KR7270JR06L2
3.3
19.0
36.0
41.0
37.5
91
36.5
300
19
PHE450KR7330JR06L2
3.9
19.0
36.0
41.0
37.5
91
36.5
300
19
PHE450KR7390JR06L2
4.7
21.0
38.0
41.0
37.5
84
42.5
300
17
PHE450KR7470JR06L2
630 VDC / 300 VAC
(1 section)
LEAD SPACING 7.5 MM
0.00033
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450MK3330JR05
0.00039
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450MK3390JR05
0.00047
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450MK3470JR05
0.00056
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450MK3560JR05
0.00068
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450MK3680JR05
0.00082
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450MK3820JR05
0.0010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450MK4100JR05
0.0012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450MK4120JR05
0.0015
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450MK4150JR05
0.0018
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450MK4180JR05
0.0022
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450MK4220JR05
0.0027
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450MK4270JR05
0.0033
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450MK4330JR05
0.0039
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450MK4390JR05
0.0047
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE450MK4470JR05
0.0056
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE450MK4560JR05
0.0068
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE450MK4680JR05
0.0082
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE450MK4820JR05
0.010
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1400
160
PHE450MK5100JR05
0.012
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1400
160
PHE450MK5120JR05


Similar Part No. - PHE450PB5220JR06

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE450PB5180FB04R06 KEMET-PHE450PB5180FB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450PB5180GB04R06 KEMET-PHE450PB5180GB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450PB5180HB04R06 KEMET-PHE450PB5180HB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450PB5180JB04R06 KEMET-PHE450PB5180JB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450PB5180KB04R06 KEMET-PHE450PB5180KB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
More results

Similar Description - PHE450PB5220JR06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE427 ETC2-PHE427 Datasheet
79Kb / 7P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com