Selected language     English  ▼


P-11AAH Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. P-11AAH
Description  NICKEL CADMIUM BATTERIES
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 1 page
background image
AUGUST 2003
NICKEL CADMIUM HANDBOOK
This information is generally descriptive only and is not intended to make or imply any representation, guarantee or warranty with respect to any cells and batteries. Cell and battery designs/specifications are subject to
modification without notice. Contact Panasonic for the latest information.
Specifications
* 0.2It discharge capacity after charging at 0.1It for 16 hours.
** For reference only.
Battery performance and cycle life are strongly affected by how they
are used. In order to maximize battery safety, please consult
Panasonic when determining charge / discharge specs, warning label
contents and unit design.
Typical Discharge Characteristics
Typical Charge Characteristics
Discharge Time (hours)
0
1
2
3
4
5
6
7
8
9
20˚C
65˚C
0˚C 45˚C
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
Charge: 3.7mA(0.033It)x 48hrs., 20˚C.
Discharge: 22mA(0.2It).
0
Charge Time (hours)
60
50
40
30
20
10
Charge: 3.7mA(0.033It)x 48hrs.
0˚C
20˚C
50˚C
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
P-11AAH 1/3AA size (KR15/18) Type: H
Dimensions (with tube)
(mm)
NICKEL CADMIUM BATTERIES: INDIVIDUAL DATA SHEET
10,000
1,000
700
500
300
200
100
0.01
0.1
1.0
0˚C
20˚C
40˚C
60˚C
Discharge Current(mA)
Charge: 3.7mA(0.033It)x 48hrs., 20˚C.
Discharge: cut-off voltage 1.1V.
(
+)
( )
17.5
+
-
0
1.0
14.5
+
-
0
0.7
Note:
[It] was previously expressed as [C]. [It] is an IEC standard expression
for the amount of charge or discharge current and is expressed as:
It(A) = Cn (Ah)/1h.
[It] is the reference test current in ampres
[Cn] is the rated capacity of the cell or battery in Ampere-hours.
n = the time base [hours] for which the rated capacity is declared
Diameter
Height
Approximate
Weight
mm
inch
Grams
Ounces
14.5 +0/-0.7
17.5 +0/-1.0
0.57 +0/-0.03
0.69 +0/-0.04
6.5g
0.23
Nominal Voltage
1.2V
120mAh
110mAh
80m
Discharge
Capacity*
Average**
Rated (Min.)
Approx. Internal impedance at
1000Hz at charged state
Charge
Charge
Storage
Discharge
Standard
Max
Current
Min
Current
˚C
˚F
0˚C to 50˚C
-20˚C to 65˚C
-20˚C to 35˚C
-20˚C to 45˚C
-20˚C to 55˚C
32˚F to 122˚F
-4˚F to 149˚F
-4˚F to 95˚F
-4˚F to 113˚F
-4˚F to 131˚F
< 2 years
< 6 months
< 1 month
11mA (0.1It) x 16 hrs.
5.5mA (0.05It) x 30h and over
3.7mA (0.033It) x 45h and over




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLL-5902TADIRAN LITHIUM BATTERIES 1 2 List of Unclassifed Manufacturers
LC-R063R4PSEALED LEAD ACID BATTERIES 1 Panasonic Semiconductor
ER13150Primary lithium batteries 1 2 List of Unclassifed Manufacturers
M62253AGPCharge Control IC for Li-Ion Batteries 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TLH-5903TADIRAN LITHIUM BATTERIES 1 List of Unclassifed Manufacturers
M62253AGPCharge Control IC for Li-Ion Batteries 1 2 3 4 5 MoreRenesas Technology Corp
TL-4955TADIRAN LITHIUM BATTERIES 1 List of Unclassifed Manufacturers
LC-R121R3PVALVE-REGULATED LEAD ACID BATTERIES 1 Panasonic Semiconductor
TL-5930TADIRAN LITHIUM BATTERIES 1 2 List of Unclassifed Manufacturers
BQ29410VOLTAGE PROTECTION FOR 2- 3- OR 4-CELL Li-Ion BATTERIES 2nd-LEVEL PROTECTION 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl