Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85R2001PFTN-GE1 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB85R2001PFTN-GE1
Description  Memory FRAM CMOS 2 M Bit (256 K 횞 8)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85R2001PFTN-GE1 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB85R2001PFTN-GE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB85R2001PFTN-GE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB85R2001PFTN-GE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB85R2001PFTN-GE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB85R2001PFTN-GE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85R2001PFTN-GE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85R2001PFTN-GE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85R2001PFTN-GE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85R2001PFTN-GE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MB85R2001
4
■ FUNCTION TRUTH TABLE
L = VIL, H = VIH, X can be either VIL or VIH, High-Z = High Impedance
: Latch address and latch data at falling edge,
: Latch address and latch data at rising edge
*1 : OE control of the Pseudo-SRAM means the valid address at the falling edge of OE to read.
*2 : WE control of the Pseudo-SRAM means the valid address and data at the falling edge of WE to write.
Operation Mode
CE1CE2
WE
OE
I/O1 to I/O8
Supply Current
Standby Pre-charge
H
XXX
High-Z
Standby
(ISB)
XLX
X
XX
H
H
Read
L
H
HL
Dout
Operation
(ICC)
Read
(Pseudo-SRAM, OE control*1)
LH
H
Write
L
H
LH
Din
Write
(Pseudo-SRAM, WE control*2)
LH
H


Similar Part No. - MB85R2001PFTN-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85R2001PFTN-GE1 FUJITSU-MB85R2001PFTN-GE1 Datasheet
286Kb / 13P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001PFTN-GE1 FUJITSU-MB85R2001PFTN-GE1 Datasheet
113Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
More results

Similar Description - MB85R2001PFTN-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85R2001 FUJITSU-MB85R2001_09 Datasheet
113Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001 Datasheet
286Kb / 13P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85R1001 FUJITSU-MB85R1001_09 Datasheet
94Kb / 12P
   Memory FRAM CMOS 1 M Bit (128 K 횞 8)
MB85R2002 FUJITSU-MB85R2002 Datasheet
302Kb / 12P
   Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85R2002 FUJITSU-MB85R2002_09 Datasheet
98Kb / 12P
   Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85R1002 FUJITSU-MB85R1002_07 Datasheet
367Kb / 15P
   Memory FRAM CMOS 1 M Bit (64 K 횞 16)
MB85R1002 FUJITSU-MB85R1002_09 Datasheet
127Kb / 16P
   Memory FRAM CMOS 1 M Bit (64 K 횞 16)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com