Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA3528AQBC-D Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AA3528AQBC-D
Description  3.5x2.8 mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3528AQBC-D Datasheet(HTML) 2 Page - Kingbright Corporation

  AA3528AQBC-D Datasheet HTML 1Page - Kingbright Corporation AA3528AQBC-D Datasheet HTML 2Page - Kingbright Corporation AA3528AQBC-D Datasheet HTML 3Page - Kingbright Corporation AA3528AQBC-D Datasheet HTML 4Page - Kingbright Corporation AA3528AQBC-D Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAH4236
REV NO: V.1
DATE: MAY/11/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1201002959
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
AA3528AQBC/D
Blue (AlInGaN)
WATER CLEAR
70
200
120
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Blue
468
nm
IF=20mA
λD [1]
Dominant Wavelength
Blue
470
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Blue
25
nm
IF=20mA
C
Capacitance
Blue
100
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Blue
3.3
4
V
IF=20mA
IR
Reverse Current
Blue
10
uA
VR=5V
Parameter
Blue
Units
Power dissipation
120
mW
DC Forward Current
30
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C


Similar Part No. - AA3528AQBC-D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528ACGCK KINGBRIGHT-AA3528ACGCK Datasheet
289Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528AEC KINGBRIGHT-AA3528AEC Datasheet
277Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528AF3C KINGBRIGHT-AA3528AF3C Datasheet
292Kb / 5P
   3.5x2.8 mm INFRARED EMITTING DIODE
AA3528AMGC KINGBRIGHT-AA3528AMGC Datasheet
289Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528AP3C KINGBRIGHT-AA3528AP3C Datasheet
203Kb / 4P
   3.5x2.8mm PHOTOTRANSISTOR
More results

Similar Description - AA3528AQBC-D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528F3C KINGBRIGHT-AA3528F3C Datasheet
446Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528YC KINGBRIGHT-AA3528YC Datasheet
121Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-PLCC-G GILWAY-GHB-PLCC-G Datasheet
144Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AA3528PWC KINGBRIGHT-AA3528PWC Datasheet
162Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528EC KINGBRIGHT-AA3528EC Datasheet
137Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
AAA3529SES-L KINGBRIGHT-AAA3529SES-L Datasheet
219Kb / 6P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528AZGC KINGBRIGHT-AA3528AZGC Datasheet
282Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528ASRC KINGBRIGHT-AA3528ASRC Datasheet
276Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-PLCC-DR GILWAY-GHB-PLCC-DR Datasheet
155Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AA3528MBC KINGBRIGHT-AA3528MBC Datasheet
130Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528SURC KINGBRIGHT-AA3528SURC Datasheet
110Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com