Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA3528AQBC-D Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA3528AQBC-D
Description  3.5x2.8 mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3528AQBC-D Datasheet(HTML) 1 Page - Kingbright Corporation

  AA3528AQBC-D Datasheet HTML 1Page - Kingbright Corporation AA3528AQBC-D Datasheet HTML 2Page - Kingbright Corporation AA3528AQBC-D Datasheet HTML 3Page - Kingbright Corporation AA3528AQBC-D Datasheet HTML 4Page - Kingbright Corporation AA3528AQBC-D Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAH4236
REV NO: V.1
DATE: MAY/11/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1201002959
3.5x2.8 mm SMD CHIP LED LAMP
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: AA3528AQBC/D
Blue
Features
SINGLE COLOR.
SUITABLE FOR ALL SMT ASSEMBLY AND SOLDER
PROCESS.
AVAILABLE ON TAPE AND REEL.
IDEAL FOR BACKLIGHTING.
PACKAGE : 1500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
Description
The Blue source color devices are made with AlInGaN on
Sapphire Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
4.The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - AA3528AQBC-D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528ACGCK KINGBRIGHT-AA3528ACGCK Datasheet
289Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528AEC KINGBRIGHT-AA3528AEC Datasheet
277Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528AF3C KINGBRIGHT-AA3528AF3C Datasheet
292Kb / 5P
   3.5x2.8 mm INFRARED EMITTING DIODE
AA3528AMGC KINGBRIGHT-AA3528AMGC Datasheet
289Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528AP3C KINGBRIGHT-AA3528AP3C Datasheet
203Kb / 4P
   3.5x2.8mm PHOTOTRANSISTOR
More results

Similar Description - AA3528AQBC-D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528F3C KINGBRIGHT-AA3528F3C Datasheet
446Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528YC KINGBRIGHT-AA3528YC Datasheet
121Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-PLCC-G GILWAY-GHB-PLCC-G Datasheet
144Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AA3528PWC KINGBRIGHT-AA3528PWC Datasheet
162Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528EC KINGBRIGHT-AA3528EC Datasheet
137Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
AAA3529SES-L KINGBRIGHT-AAA3529SES-L Datasheet
219Kb / 6P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528AZGC KINGBRIGHT-AA3528AZGC Datasheet
282Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528ASRC KINGBRIGHT-AA3528ASRC Datasheet
276Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-PLCC-DR GILWAY-GHB-PLCC-DR Datasheet
155Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AA3528MBC KINGBRIGHT-AA3528MBC Datasheet
130Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528SURC KINGBRIGHT-AA3528SURC Datasheet
110Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com