Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC75 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC75
Description  4 BIT D TYPE LATCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC75 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC75 Datasheet HTML 1Page - STMicroelectronics M74HC75 Datasheet HTML 2Page - STMicroelectronics M74HC75 Datasheet HTML 3Page - STMicroelectronics M74HC75 Datasheet HTML 4Page - STMicroelectronics M74HC75 Datasheet HTML 5Page - STMicroelectronics M74HC75 Datasheet HTML 6Page - STMicroelectronics M74HC75 Datasheet HTML 7Page - STMicroelectronics M74HC75 Datasheet HTML 8Page - STMicroelectronics M74HC75 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
M74HC75
5/10
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
25
75
95
110
ns
4.5
7
151922
6.0
6
131619
tPLH tPHL Propagation Delay
Time (DATA - Q)
2.0
36
110
140
165
ns
4.5
12
22
28
33
6.0
10
19
24
28
tPLH tPHL Propagation Delay
Time (G-Q)
2.0
40
125
155
190
ns
4.5
13
25
31
38
6.0
11
21
26
32
tW(H)
Minimum Pulse
Width (G)
2.0
18
75
95
110
ns
4.5
6
151922
6.0
6
131619
ts
Minimum Set-up
Time
2.0
50
65
75
ns
4.5
10
13
15
6.0
9
11
13
th
Minimum Hold
Time
2.0
25
30
40
ns
4.5
5
6
8
6.0
4
5
7
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
30
pF


Similar Part No. - M74HC75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC75 STMICROELECTRONICS-M74HC75 Datasheet
238Kb / 9P
   4 BIT D TYPE LATCH
M74HC75 STMICROELECTRONICS-M74HC75 Datasheet
238Kb / 9P
   4 BIT D TYPE LATCH
December 1992
M74HC75B1R STMICROELECTRONICS-M74HC75B1R Datasheet
238Kb / 9P
   4 BIT D TYPE LATCH
M74HC75B1R STMICROELECTRONICS-M74HC75B1R Datasheet
238Kb / 9P
   4 BIT D TYPE LATCH
December 1992
M74HC75C1R STMICROELECTRONICS-M74HC75C1R Datasheet
238Kb / 9P
   4 BIT D TYPE LATCH
More results

Similar Description - M74HC75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC77 STMICROELECTRONICS-M54HC77 Datasheet
241Kb / 10P
   4-BIT D-TYPE LATCH
M54HCT75 STMICROELECTRONICS-M54HCT75 Datasheet
239Kb / 9P
   4 BIT D TYPE LATCH
M74HCT75-2 STMICROELECTRONICS-M74HCT75-2 Datasheet
280Kb / 9P
   4 BIT D TYPE LATCH
M74HC77 STMICROELECTRONICS-M74HC77 Datasheet
241Kb / 10P
   4-BIT D-TYPE LATCH
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
238Kb / 9P
   4 BIT D TYPE LATCH
M74HC75 STMICROELECTRONICS-M74HC75 Datasheet
238Kb / 9P
   4 BIT D TYPE LATCH
December 1992
logo
Toshiba Semiconductor
TC74HC375AP TOSHIBA-TC74HC375AP Datasheet
318Kb / 9P
   4-Bit D Type Latch
logo
STMicroelectronics
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
250Kb / 10P
   RAD HARD 4 BIT D TYPE LATCH
logo
Motorola, Inc
SN54LS75 MOTOROLA-SN54LS75 Datasheet
98Kb / 4P
   4-BIT D LATCH
SN54LS375 MOTOROLA-SN54LS375 Datasheet
163Kb / 5P
   4-BIT D LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com