Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE450SF5820JR06L2 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PHE450SF5820JR06L2
Description  Double metallized film pulse capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE450SF5820JR06L2 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PHE450SF5820JR06L2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE450SF5820JR06L2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE450SF5820JR06L2 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE450SF5820JR06L2 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE450SF5820JR06L2 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE450SF5820JR06L2 Datasheet HTML 9Page - List of Unclassifed Manufacturers PHE450SF5820JR06L2 Datasheet HTML 10Page - List of Unclassifed Manufacturers PHE450SF5820JR06L2 Datasheet HTML 11Page - List of Unclassifed Manufacturers PHE450SF5820JR06L2 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
244
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
PHE450
1600 VDC / 650 VAC
(2 section)
LEAD SPACING 37.5 MM
0.18
13.0
24.0
41.0
37.5
140
16.6
800
27
PHE450RR6180JR06L2
0.22
13.0
24.0
41.0
37.5
140
16.6
800
27
PHE450RR6220JR06L2
0.27
13.0
24.0
41.0
37.5
140
16.6
800
27
PHE450RR6270JR06L2
0.33
15.0
26.0
41.0
37.5
119
20.8
800
26
PHE450RR6330JR06L2
0.39
16.5
32.0
41.0
37.5
105
28.1
800
24
PHE450RR6390JR06L2
0.47
16.5
32.0
41.0
37.5
105
28.1
800
24
PHE450RR6470JR06L2
0.56
19.0
36.0
41.0
37.5
91
36.5
800
20
PHE450RR6560JR06L2
0.68
19.0
36.0
41.0
37.5
91
36.5
800
20
PHE450RR6680JR06L2
0.82
21.0
38.0
41.0
37.5
84
42.5
800
18
PHE450RR6820JR06L2
2000 VDC / 700 VAC
(2 section)
LEAD SPACING 15 MM
0.0010
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450SB4100JR06
0.0012
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450SB4120JR06
0.0015
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450SB4150JR06
0.0018
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450SB4180JR06
0.0022
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450SB4220JR06
0.0027
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450SB4270JR06
0.0033
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450SB4330JR06
0.0039
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450SB4390JR06
0.0047
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450SB4470JR06
0.0056
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450SB4560JR06
0.0068
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450SB4680JR06
0.0082
5.5
12.5
18.0
15.0
1000
600
1.7
2500
92
PHE450SB4820JR06
0.010
6.5
12.5
18.0
15.0
1000
500
2.0
2500
90
PHE450SB5100JR06
0.012
7.5
14.5
18.0
15.0
800
400
2.7
2500
80
PHE450SB5120JR06
0.015
7.5
14.5
18.0
15.0
800
400
2.7
2500
80
PHE450SB5150JR06
0.018
8.0
15.0
18.0
15.0
600
400
3.0
2500
75
PHE450SB5180JR06
0.022
8.5
16.0
18.0
15.0
600
400
3.4
2500
70
PHE450SB5220JR06
0.027
9.5
17.5
18.0
15.0
500
350
4.2
2500
61
PHE450SB5270JR06
LEAD SPACING 22.5 MM
0.0033
6.5
14.5
26.0
22.5
234
3.2
1800
60
PHE450SD4330JR06L2
0.0039
6.5
14.5
26.0
22.5
234
3.2
1800
60
PHE450SD4390JR06L2
0.0047
6.5
14.5
26.0
22.5
234
3.2
1800
60
PHE450SD4470JR06L2
0.0056
6.5
14.5
26.0
22.5
234
3.2
1800
60
PHE450SD4560JR06L2
0.0068
6.5
14.5
26.0
22.5
234
3.2
1800
60
PHE450SD4680JR06L2
0.0082
6.5
14.5
26.0
22.5
234
3.2
1800
60
PHE450SD4820JR06L2
0.010
6.5
14.5
26.0
22.5
234
3.2
1800
60
PHE450SD5100JR06L2
0.012
6.5
14.5
26.0
22.5
234
3.2
1800
60
PHE450SD5120JR06L2
0.015
6.5
14.5
26.0
22.5
234
3.2
1800
60
PHE450SD5150JR06L2
0.018
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450SD5180JR06L2
0.022
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450SD5220JR06L2
0.027
7.0
16.5
26.0
22.5
216
3.9
1800
55
PHE450SD5270JR06L2
0.033
7.0
16.5
26.0
22.5
216
3.9
1800
55
PHE450SD5330JR06L2
0.039
8.0
16.0
26.0
22.5
186
4.3
1800
53
PHE450SD5390JR06L2
0.047
9.0
18.5
26.0
22.5
168
5.6
1800
52
PHE450SD5470JR06L2
0.056
10.5
19.0
26.0
22.5
264
6.7
1800
50
PHE450SD5560JR06L2
0.068
11.0
21.5
26.0
22.5
253
8.0
1800
45
PHE450SD5680JR06L2
0.082
11.0
21.5
26.0
22.5
253
8.0
1800
45
PHE450SD5820JR06L2
0.10
13.5
23.0
26.0
22.5
209
10.0
1800
40
PHE450SD6100JR06L2
0.12
15.5
24.5
26.0
22.5
176
12.0
1800
35
PHE450SD6120JR06L2


Similar Part No. - PHE450SF5820JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE450SF5180FB04R06 KEMET-PHE450SF5180FB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450SF5180GB04R06 KEMET-PHE450SF5180GB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450SF5180HB04R06 KEMET-PHE450SF5180HB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450SF5180JB04R06 KEMET-PHE450SF5180JB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450SF5180KB04R06 KEMET-PHE450SF5180KB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
More results

Similar Description - PHE450SF5820JR06L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE427 ETC2-PHE427 Datasheet
79Kb / 7P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com