Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE450TB4470JR06 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PHE450TB4470JR06
Description  Double metallized film pulse capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE450TB4470JR06 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PHE450TB4470JR06 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE450TB4470JR06 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE450TB4470JR06 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE450TB4470JR06 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE450TB4470JR06 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE450TB4470JR06 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE450TB4470JR06 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE450TB4470JR06 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE450TB4470JR06 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
237
PHE450
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
250 VDC /180 VAC
(1 section)
LEAD SPACING 15 MM
0.047
5.5
10.5
18.0
15.0
1000
600
1.5
1000
100
PHE450HB5470JR06
0.056
5.5
10.5
18.0
15.0
1000
600
1.5
1000
100
PHE450HB5560JR06
0.068
5.5
10.5
18.0
15.0
1000
600
1.5
1000
100
PHE450HB5680JR06
0.082
5.5
10.5
18.0
15.0
1000
600
1.5
600
101
PHE450HB5820JR06
0.10
5.5
10.5
18.0
15.0
1000
600
1.5
600
100
PHE450HB6100JR06
0.12
5.5
10.5
18.0
15.0
1000
600
1.5
600
99
PHE450HB6120JR06
0.15
5.5
12.5
18.0
15.0
1000
600
1.7
600
85
PHE450HB6150JR06
0.18
6.5
12.5
18.0
15.0
1000
500
2.0
600
83
PHE450HB6180JR06
0.22
7.5
14.5
18.0
15.0
800
400
2.7
600
74
PHE450HB6220JR06
0.27
7.5
14.5
18.0
15.0
800
400
2.7
600
73
PHE450HB6270JR06
0.33
8.0
15.0
18.0
15.0
600
400
3.0
600
67
PHE450HB6330JR06
0.39
8.5
16.0
18.0
15.0
600
400
3.4
600
65
PHE450HB6390JR06
0.47
9.5
17.5
18.0
15.0
500
350
4.2
600
60
PHE450HB6470JR06
LEAD SPACING 22.5 MM
0.18
6.5
14.5
26.0
22.5
234
3.2
600
58
PHE450HD6180JR06L2
0.22
6.5
14.5
26.0
22.5
234
3.2
400
60
PHE450HD6220JR06L2
0.27
6.5
14.5
26.0
22.5
234
3.2
400
59
PHE450HD6270JR06L2
0.33
6.5
14.5
26.0
22.5
234
3.2
400
58
PHE450HD6330JR06L2
0.39
7.0
16.5
26.0
22.5
216
3.9
400
54
PHE450HD6390JR06L2
0.47
7.0
16.5
26.0
22.5
216
3.9
400
53
PHE450HD6470JR06L2
0.56
9.0
18.5
26.0
22.5
168
5.6
400
49
PHE450HD6560JR06L2
0.68
9.0
18.5
26.0
22.5
168
5.6
400
47
PHE450HD6680JR06L2
0.82
10.5
19.0
26.0
22.5
264
6.7
400
43
PHE450HD6820JR06L2
1.0
11.0
21.5
26.0
22.5
253
8.0
400
40
PHE450HD7100JR06L2
1.2
13.5
23.0
26.0
22.5
209
10.0
400
38
PHE450HD7120JR06L2
1.5
13.5
23.0
26.0
22.5
209
10.0
400
36
PHE450HD7150JR06L2
LEAD SPACING 27.5 MM
0.82
10.5
20.5
31.5
27.5
216
8.0
300
38
PHE450HF6820JR06L2
1.0
10.5
20.5
31.5
27.5
216
8.0
300
38
PHE450HF7100JR06L2
1.2
10.5
20.5
31.5
27.5
216
8.0
300
37
PHE450HF7120JR06L2
1.5
11.5
22.5
31.5
27.5
198
10.6
300
34
PHE450HF7150JR06L2
1.8
13.5
23.0
31.5
27.5
171
12.7
300
32
PHE450HF7180JR06L2
2.2
14.5
24.5
31.5
27.5
153
14.5
300
31
PHE450HF7220JR06L2
2.7
17.5
28.0
31.5
27.5
126
19.7
300
27
PHE450HF7270JR06L2
3.3
19.0
29.0
31.5
27.5
117
22.1
300
25
PHE450HF7330JR06L2
3.9
21.0
30.0
31.5
27.5
108
25.3
300
23
PHE450HF7390JR06L2
LEAD SPACING 37.5 MM
1.8
13.0
24.0
41.0
37.5
140
16.6
200
28
PHE450HR7180JR06L2
2.2
13.0
24.0
41.0
37.5
140
16.6
200
28
PHE450HR7220JR06L2
2.7
13.0
24.0
41.0
37.5
140
16.6
200
27
PHE450HR7270JR06L2
3.3
15.0
26.0
41.0
37.5
119
20.8
200
25
PHE450HR7330JR06L2
3.9
16.5
32.0
41.0
37.5
105
28.1
200
22
PHE450HR7390JR06L2
4.7
16.5
32.0
41.0
37.5
105
28.1
200
22
PHE450HR7470JR06L2
5.6
19.0
36.0
41.0
37.5
91
36.5
200
18
PHE450HR7560JR06L2
6.8
21.0
38.0
41.0
37.5
84
42.5
200
17
PHE450HR7680JR06L2
400 VDC / 250 VAC
(1 section)
LEAD SPACING 7.5 MM
0.00033
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450KK3330JR05
0.00039
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450KK3390JR05
0.00047
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450KK3470JR05
0.00056
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450KK3560JR05
0.00068
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450KK3680JR05
0.00082
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450KK3820JR05
0.0010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450KK4100JR05


Similar Part No. - PHE450TB4470JR06

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE450TB5100JB16R17 KEMET-PHE450TB5100JB16R17 Datasheet
58Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 2500 VDC@85C, Lead Spacing=15 mm
PHE450TB5100JB16R17 KEMET-PHE450TB5100JB16R17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 0.01 uF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
PHE450TB5100JB16R17 KEMET-PHE450TB5100JB16R17_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 0.01 uF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
PHE450TB5180FB04R06 KEMET-PHE450TB5180FB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450TB5180GB04R06 KEMET-PHE450TB5180GB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
More results

Similar Description - PHE450TB4470JR06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE427 ETC2-PHE427 Datasheet
79Kb / 7P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com