Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF8014 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF8014
Description  low-loss, compact, and economical surface-acoustic-wave (SAW) RF filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF8014 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF8014 Datasheet HTML 1Page - Advanced Crystal Technology ACTF8014 Datasheet HTML 2Page - Advanced Crystal Technology ACTF8014 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
5-2.Electronic Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Nominal Centre Frequency
fC
--
897.500
--
MHz
Usable Pass Bandwidth
BW
--
26
--
MHz
Insertion Loss
IL
884.50 …. 910.50 MHz
--
3.0
4.5
dB
Passband Ripple
Δ α
884.50 …. 910.50 MHz
--
--
2.0
dB
Absolute Attenuation
α
DC …. 783.00 MHz
783.00 …. 863.00 MHz
933.00 …. 1063.0 MHz
1063.0 …. 2000.0 MHz
25
28
32
20
27
33
42
25
--
--
--
--
dB
dB
dB
dB
Input / Output Impedance (Nominal)
50
iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50
Ω test system with VSWR≤1.2:1. The test fixture L and C are adjusted for minimum insertion
loss at the filter centre frequency, f C. Note that insertion loss, bandwidth, and passband shape are dependent on
the impedance matching component values and quality.
2.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
3.
The specifications of this device are based on the test circuit shown above and subject to change or
obsolescence without notice.
4.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
5.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF8014

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF8010 ACT-ACTF8010 Datasheet
96Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) RF filter
SEPT 04
ACTF8010/836.5/DCC6C ACT-ACTF8010/836.5/DCC6C Datasheet
96Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) RF filter
SEPT 04
ACTF8011 ACT-ACTF8011 Datasheet
98Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) RF filter
SEPT 04
ACTF8011 ACT-ACTF8011 Datasheet
167Kb / 3P
   RF filter
March 2010
ACTF8011/881.5/DCC6C ACT-ACTF8011/881.5/DCC6C Datasheet
167Kb / 3P
   RF filter
March 2010
More results

Similar Description - ACTF8014

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF8010 ACT-ACTF8010 Datasheet
96Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) RF filter
SEPT 04
ACTF9019 ACT-ACTF9019 Datasheet
78Kb / 3P
   low-loss, compact and economical surface acoustic wave (SAW) RF filter
SEPT 04
ACTF9027 ACT-ACTF9027 Datasheet
82Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) RF filter
SEPT 04
ACTF8011 ACT-ACTF8011 Datasheet
98Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) RF filter
SEPT 04
ACTF1459 ACT-ACTF1459 Datasheet
37Kb / 2P
   low-loss, compact and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF2703 ACT-ACTF2703 Datasheet
69Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4003 ACT-ACTF4003 Datasheet
67Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4006 ACT-ACTF4006 Datasheet
62Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF9165 ACT-ACTF9165 Datasheet
69Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF9305 ACT-ACTF9305 Datasheet
75Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com