Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V29C51000T-90J Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V29C51000T-90J
Description  512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29C51000T-90J Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V29C51000T-90J Datasheet HTML 1Page - Mosel Vitelic, Corp V29C51000T-90J Datasheet HTML 2Page - Mosel Vitelic, Corp V29C51000T-90J Datasheet HTML 3Page - Mosel Vitelic, Corp V29C51000T-90J Datasheet HTML 4Page - Mosel Vitelic, Corp V29C51000T-90J Datasheet HTML 5Page - Mosel Vitelic, Corp V29C51000T-90J Datasheet HTML 6Page - Mosel Vitelic, Corp V29C51000T-90J Datasheet HTML 7Page - Mosel Vitelic, Corp V29C51000T-90J Datasheet HTML 8Page - Mosel Vitelic, Corp V29C51000T-90J Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MOSEL VITELIC
1
V29C51000T/V29C51000B
512K BIT (65,536 x 8 BIT)
5 VOLT CMOS FLASH MEMORY
PRELIMINARY
V29C51000T/V29C51000B Rev. 0.5 October 2000
Features
s 64Kx8-bit Organization
s Address Access Time: 45, 70, 90 ns
s Single 5V
± 10% Power Supply
s Sector Erase Mode Operation
s 8KB Boot Block (lockable)
s 512 bytes per Sector, 128 Sectors
– Sector-Erase Cycle Time: 10ms (Max)
– Byte-Program Cycle Time: 20
µs (Max)
s Minimum 10,000 Erase-Program Cycles
s Low power dissipation
– Active Read Current: 20mA (Typ)
– Active Program Current: 30mA (Typ)
– Standby Current: 100
µA (Max)
s Hardware Data Protection
s Low VCC Program Inhibit Below 3.2V
s Self-timed program/erase operations with end-
of-cycle detection
– DATA Polling
– Toggle Bit
s CMOS and TTL Interface
s Available in two versions
– V29C51000T (Top Boot Block)
– V29C51000B (Bottom Boot Block)
s Packages:
– 32-pin Plastic DIP
– 32-pin TSOP-I
– 32-pin PLCC
Description
The V29C51000T/V29C51000B is a high speed
65,536 x 8 bit CMOS flash memory. Programming
or erasing the device is done with a single 5 Volt
power supply. The device has separate chip enable
CE, program enable WE, and output enable OE
controls to eliminate bus contention.
The V29C51000T/V29C51000B offers a combi-
nation of features: Boot Block with Sector Erase
Mode. The end of program/erase cycle is detected
by DATA Polling of I/O7 or by the Toggle Bit I/O6.
The V29C51000T/V29C51000B features a
sector erase operation which allows each sector to
be erased and reprogrammed without affecting
data stored in other sectors. The device also
supports full chip erase.
Boot block architecture enables the device to
boot from either the top (V29C51000T) or bottom
(V29C51000B) sector. All inputs and outputs are
CMOS and TTL compatible.
The V29C51000T/V29C51000B is ideal for
applications that require updatable code and data
storage.
Device Usage Chart
Operating
Temperature
Range
Package Outline
Access Time (ns)
Temperature
Mark
P
T
J
457090
0
°C to 70°C
••••••
Blank


Similar Part No. - V29C51000T-90J

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51001B MOSEL-V29C51001B Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001B-45J MOSEL-V29C51001B-45J Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001B-45P MOSEL-V29C51001B-45P Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001B-45T MOSEL-V29C51001B-45T Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001B-70J MOSEL-V29C51001B-70J Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - V29C51000T-90J

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29LC51000 MOSEL-V29LC51000 Datasheet
52Kb / 12P
   512 KILOBIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
logo
List of Unclassifed Man...
F29C51001 ETC1-F29C51001 Datasheet
143Kb / 16P
   1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
logo
AMIC Technology
A29L040A AMICC-A29L040A Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com