Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACDC56-41SYKWA-F01 Datasheet(PDF) 1 Page - Kingbright Corporation

Part # ACDC56-41SYKWA-F01
Description  SURFACE MOUNT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

ACDC56-41SYKWA-F01 Datasheet(HTML) 1 Page - Kingbright Corporation

  ACDC56-41SYKWA-F01 Datasheet HTML 1Page - Kingbright Corporation ACDC56-41SYKWA-F01 Datasheet HTML 2Page - Kingbright Corporation ACDC56-41SYKWA-F01 Datasheet HTML 3Page - Kingbright Corporation ACDC56-41SYKWA-F01 Datasheet HTML 4Page - Kingbright Corporation ACDC56-41SYKWA-F01 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAG0258
REV NO: V.6
DATE: JUN/14/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1352000325
SURFACE MOUNT DISPLAY
Part Number: ACDC56-41SYKWA-F01
Super Bright Yellow
Features
0.56INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
GRAY FACE,WHITE SEGMENT.
PACKAGE: 200PCS/ REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT
Description
The Super Bright Yellow device is made with InGaAlP (on
GaAs substrate) light emitting diode chip.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
3.The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - ACDC56-41SYKWA-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
ACDC56-41SEKWA-F01 KINGBRIGHT-ACDC56-41SEKWA-F01 Datasheet
301Kb / 5P
   SURFACE MOUNT DISPLAY
ACDC56-41SEKWA-F01 KINGBRIGHT-ACDC56-41SEKWA-F01_15 Datasheet
231Kb / 5P
   SURFACE MOUNT DISPLAY
ACDC56-41SGWA-F01 KINGBRIGHT-ACDC56-41SGWA-F01 Datasheet
302Kb / 5P
   SURFACE MOUNT DISPLAY
ACDC56-41SRWA-F01 KINGBRIGHT-ACDC56-41SRWA-F01 Datasheet
301Kb / 5P
   SURFACE MOUNT DISPLAY
ACDC56-41SURKWA-F01 KINGBRIGHT-ACDC56-41SURKWA-F01 Datasheet
302Kb / 5P
   SURFACE MOUNT DISPLAY
More results

Similar Description - ACDC56-41SYKWA-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APPDA04-41SGWA KINGBRIGHT-APPDA04-41SGWA Datasheet
127Kb / 5P
   SURFACE MOUNT DISPLAY
logo
SunLED Corporation
XZDVG05C2 SUNLED-XZDVG05C2 Datasheet
197Kb / 3P
   SURFACE MOUNT DISPLAY
logo
Kingbright Corporation
ACPSC04-41SGWA KINGBRIGHT-ACPSC04-41SGWA Datasheet
306Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC02-41PBWA KINGBRIGHT-ACSC02-41PBWA Datasheet
193Kb / 5P
   SURFACE MOUNT DISPLAY
APSC56-21 KINGBRIGHT-APSC56-21 Datasheet
111Kb / 5P
   SURFACE MOUNT DISPLAY
ACPSA04-41SRWA KINGBRIGHT-ACPSA04-41SRWA Datasheet
203Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41PBWA KINGBRIGHT-ACSA03-41PBWA Datasheet
222Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA08-51PBWA-A KINGBRIGHT-ACSA08-51PBWA-A Datasheet
289Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA04-41SURKWA-F01 KINGBRIGHT-ACSA04-41SURKWA-F01 Datasheet
194Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41CGKWA-F01 KINGBRIGHT-ACSA03-41CGKWA-F01 Datasheet
192Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA02-41SURKWA-F01 KINGBRIGHT-ACSA02-41SURKWA-F01 Datasheet
284Kb / 5P
   SURFACE MOUNT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com