Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS170ADW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS170ADW
Description  TRIPLE DIFFERENTIAL BUS TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS170ADW Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75ALS170ADW Datasheet HTML 3Page - Texas Instruments SN75ALS170ADW Datasheet HTML 4Page - Texas Instruments SN75ALS170ADW Datasheet HTML 5Page - Texas Instruments SN75ALS170ADW Datasheet HTML 6Page - Texas Instruments SN75ALS170ADW Datasheet HTML 7Page - Texas Instruments SN75ALS170ADW Datasheet HTML 8Page - Texas Instruments SN75ALS170ADW Datasheet HTML 9Page - Texas Instruments SN75ALS170ADW Datasheet HTML 10Page - Texas Instruments SN75ALS170ADW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SN75ALS170, SN75ALS170A
TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SLLS055D – AUGUST 1987 – REVISED SEPTEMBER 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended ranges of common-mode input voltage, supply
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT +
Positive-going input threshold voltage
VO = 2.7 V,
IO = – 0.4 mA
0.3
V
VIT –
Negative-going input threshold voltage
VO = 0.5 V,
IO = 8 mA
– 0.3 ‡
V
Vhys
Hysteresis voltage (VIT + – VIT –)
60
mV
VIK
Enable-input clamp voltage
II = – 18 mA
– 1.5
V
VOH
High-level output voltage
VID = 300 mV,
See Figure 5
IOH = – 400 µA,
2.7
V
VOL
Low-level output voltage
VID = – 300 mV,
See Figure 5
IOL = 8 mA,
0.45
V
IOZ
High impedance state output current
VO = 2.4 V
20
µA
IOZ
High-impedance-state output current
VO = 0.4 V
– 400
µA
II
Line input current
Other input = 0,
VI = 12 V
1
mA
II
Line input current
,
See Note 4
VI = – 7 V
– 0.8
mA
IIH
High-level enable-input current
VIH = 2.7 V
20
µA
IIL
Low-level enable-input current
VIL = 0.4 V
– 100
µA
rI
Input resistance
12
k
IOS
Short-circuit output current
VID = 300 mV,
VO = 0
–15
–85
mA
ICC
Supply current
No load
Outputs enabled
69
90
mA
ICC
Supply current
No load
Outputs disabled
57
78
mA
† All typical values are at VCC = 5 V and TA = 25°C.
‡ The algebraic convention, in which the less-positive (more-negative) limit is designated minimum, is used in this data sheet for common-mode
input voltage and threshold voltage levels only.
NOTE 4: This applies for both power on and off; refer to EIA Standard RS-485 for exact conditions.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level
ALS170
9
19
ns
tPLH
gy
,
g
output
ALS170A
VID = – 1.5 V to 1.5 V,
CL =15 pFTA =25°C
11.5
16.5
ns
tPHL
Propagation delay time, high-to-low-level
ALS170
CL = 15 pF,
TA = 25°C,
See Figure 6
9
19
ns
tPHL
gy
,
g
output
ALS170A
See Figure 6
11.5
16.5
ns
t k( )
Pulse skew§
ALS170
2
6
ns
tsk(p)
Pulse skew§
ALS170A
VID = – 1.5 V to 1.5 V,
5
ns
tsk(lim)
Skew limit¶
ALS170
ID
,
CL = 15 pF,
See Figure 6
10
ns
tsk(lim)
Skew limit¶
ALS170A
5
ns
† All typical values are at VCC = 5 V and TA = 25°C.
§ Pulse skew is defined as the | tPLH–tPHL| of each channel.
¶ Skew limit is the maximum difference in propagation delay times between any two channels of one device and between any two devices. This
parameter is applicable at one VCC and operating temperature within the recommended operating conditions.


Similar Part No. - SN75ALS170ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS170ADW TI-SN75ALS170ADW Datasheet
243Kb / 15P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN75ALS170ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS170 TI-SN75ALS170 Datasheet
243Kb / 15P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS1711 TI1-SN75ALS1711 Datasheet
236Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com