Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1635H-6T Datasheet(PDF) 2 Page - STMicroelectronics

Part # T1635H-6T
Description  High temperature 16 A Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1635H-6T Datasheet(HTML) 2 Page - STMicroelectronics

  T1635H-6T Datasheet HTML 1Page - STMicroelectronics T1635H-6T Datasheet HTML 2Page - STMicroelectronics T1635H-6T Datasheet HTML 3Page - STMicroelectronics T1635H-6T Datasheet HTML 4Page - STMicroelectronics T1635H-6T Datasheet HTML 5Page - STMicroelectronics T1635H-6T Datasheet HTML 6Page - STMicroelectronics T1635H-6T Datasheet HTML 7Page - STMicroelectronics T1635H-6T Datasheet HTML 8Page - STMicroelectronics T1635H-6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
T1635H, T1650H
2/10
1
Characteristics
Table 1.
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
D2PAK, TO-220AB
Tc = 130° C
16
A
TO-220AB Ins
Tc = 110° C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25° C)
F = 50 Hz
t = 20 ms
160
A
F = 60 Hz
t = 16.7 ms
168
I²tI²t Value for fusing
tp = 10 ms
169
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 150° C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25° C
VDRM/VRRM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 150° C
4
A
PG(AV)
Average gate power dissipation
Tj = 150° C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 150
° C
Table 2.
Electrical Characteristics (Tj = 25° C, unless otherwise specified)
Symbol
Test Conditions
Quadrant
Value
Unit
T1635H
T1650H
IGT
(1)
VD = 12 V RL = 33 Ω
I - II - III
MAX.
35
50
mA
VGT
I - II - III
MAX.
1.0
V
VGD
VD = VDRM, RL = 3.3 kΩ
I - II - III
MIN.
0.15
V
IH
(2)
IT = 500 mA
MAX.
35
75
mA
IL
IG = 1.2 IGT
I - III
MAX.
50
90
mA
II
80
110
dV/dt (2)
VD = 67% VDRM, gate open, Tj = 150° C
MIN.
1000
1500
V/µs
(dI/dt)c (2)
Without snubber, Tj = 150° C
MIN.
21
28
A/ms
1.
minimum IGT is guaranted at 20% of IGT max.
2.
for both polarities of A2 referenced to A1.


Similar Part No. - T1635H-6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635H-600G STMICROELECTRONICS-T1635H-600G Datasheet
123Kb / 10P
   Snubberless TM high temperature 16 A Triacs
T1635H-600G-TR STMICROELECTRONICS-T1635H-600G-TR Datasheet
123Kb / 10P
   Snubberless TM high temperature 16 A Triacs
T1635H-600GRG STMICROELECTRONICS-T1635H-600GRG Datasheet
123Kb / 10P
   Snubberless TM high temperature 16 A Triacs
T1635H-600I STMICROELECTRONICS-T1635H-600I Datasheet
123Kb / 10P
   Snubberless TM high temperature 16 A Triacs
T1635H-600I-TR STMICROELECTRONICS-T1635H-600I-TR Datasheet
123Kb / 10P
   Snubberless TM high temperature 16 A Triacs
More results

Similar Description - T1635H-6T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
logo
STMicroelectronics
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
   High temperature 16 A Snubberless??Triacs
T1635H STMICROELECTRONICS-T1635H Datasheet
123Kb / 10P
   Snubberless TM high temperature 16 A Triacs
logo
NXP Semiconductors
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA416Y NXP-BTA416Y Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
   High temperature 12 A Triacs
April 2007 Rev 1
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
   High temperature 10 A Triacs
T835H STMICROELECTRONICS-T835H Datasheet
137Kb / 10P
   High temperature 8 A Triacs
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
   High temperature 6 A sensitive TRIACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com