Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT648M1R Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HCT648M1R
Description  HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT648M1R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HCT648M1R Datasheet HTML 3Page - STMicroelectronics M74HCT648M1R Datasheet HTML 4Page - STMicroelectronics M74HCT648M1R Datasheet HTML 5Page - STMicroelectronics M74HCT648M1R Datasheet HTML 6Page - STMicroelectronics M74HCT648M1R Datasheet HTML 7Page - STMicroelectronics M74HCT648M1R Datasheet HTML 8Page - STMicroelectronics M74HCT648M1R Datasheet HTML 9Page - STMicroelectronics M74HCT648M1R Datasheet HTML 10Page - STMicroelectronics M74HCT648M1R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
Min.
Typ.
Max.
Min.
Max.
tTLH
tTHL
Output Transition Time
4.5
50
7
12
15
ns
tPLH
tPHL
Propagation Delay Time
(BUS - BUS)
4.5
50
20
30
38
ns
4.5
150
25
38
48
ns
tPLH
tPHL
Propagation Delay Time
(CLOCK - BUS)
4.5
50
29
44
55
ns
4.5
150
34
52
65
ns
tPLH
tPHL
Propagation Delay Time
(SELECT - BUS)
4.5
50
24
34
43
ns
4.5
150
29
42
53
ns
tPZL
tPZH
3-State Output Enable Time
(G, DIR - BUS)
4.5
50
RL =1 K
26
38
48
ns
4.5
150
RL =1 K
31
46
58
ns
tPLZ
tPHZ
3-State Output Disable Time
(G, DIR - BUS)
4.5
50
RL =1 K
26
35
44
ns
fMAX
Maximum Clock Frequency
4.5
50
31
55
25
MHz
tW(H)
tW(L)
Minimum Pulse Width
4.5
50
8
15
19
ns
ts
Minimum Set-up Time
4.5
50
3
10
13
ns
th
Minimum Hold Time
4.5
50
5
5
ns
CIN
Input Capacitance
5
10
10
pF
CI/O
Bus Terminal Capacitance
13
pF
CPD (*)
Power Dissipation Capacitance
for HCT646
for HCT648
40
39
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/8 (per bit)
M74HCT646/648
7/12


Similar Part No. - M74HCT648M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT640 STMICROELECTRONICS-M74HCT640 Datasheet
264Kb / 11P
   OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
M74HCT640B1R STMICROELECTRONICS-M74HCT640B1R Datasheet
264Kb / 11P
   OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
M74HCT640C1R STMICROELECTRONICS-M74HCT640C1R Datasheet
264Kb / 11P
   OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
M74HCT640M1R STMICROELECTRONICS-M74HCT640M1R Datasheet
264Kb / 11P
   OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
M74HCT643 STMICROELECTRONICS-M74HCT643 Datasheet
264Kb / 11P
   OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
More results

Similar Description - M74HCT648M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC646 STMICROELECTRONICS-M74HC646 Datasheet
202Kb / 12P
   HC648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HC646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com