Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACSC08-51PBWA-A Datasheet(PDF) 1 Page - Kingbright Corporation

Part # ACSC08-51PBWA-A
Description  SURFACE MOUNT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

ACSC08-51PBWA-A Datasheet(HTML) 1 Page - Kingbright Corporation

  ACSC08-51PBWA-A Datasheet HTML 1Page - Kingbright Corporation ACSC08-51PBWA-A Datasheet HTML 2Page - Kingbright Corporation ACSC08-51PBWA-A Datasheet HTML 3Page - Kingbright Corporation ACSC08-51PBWA-A Datasheet HTML 4Page - Kingbright Corporation ACSC08-51PBWA-A Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAG8879
REV NO: V.2
DATE: MAY/29/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1351000567
SURFACE MOUNT DISPLAY
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: ACSC08-51PBWA/A
Blue
Features
0.8INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
I.C. COMPATIBLE
MECHANICALLY RUGGED.
GRAY FACE,WHITE SEGMENT.
PACKAGE: 200PCS/ REEL
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN
on SiC Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - ACSC08-51PBWA-A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
ACSC08-51CGKWA KINGBRIGHT-ACSC08-51CGKWA Datasheet
287Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC08-51CGKWA KINGBRIGHT-ACSC08-51CGKWA_15 Datasheet
207Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC08-51QBWA-D KINGBRIGHT-ACSC08-51QBWA-D Datasheet
237Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC08-51QBWA/D KINGBRIGHT-ACSC08-51QBWA/D Datasheet
237Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC08-51SEKWA KINGBRIGHT-ACSC08-51SEKWA Datasheet
287Kb / 5P
   SURFACE MOUNT DISPLAY
More results

Similar Description - ACSC08-51PBWA-A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APPDA04-41SGWA KINGBRIGHT-APPDA04-41SGWA Datasheet
127Kb / 5P
   SURFACE MOUNT DISPLAY
logo
SunLED Corporation
XZDVG05C2 SUNLED-XZDVG05C2 Datasheet
197Kb / 3P
   SURFACE MOUNT DISPLAY
logo
Kingbright Corporation
ACPSC04-41SGWA KINGBRIGHT-ACPSC04-41SGWA Datasheet
306Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC02-41PBWA KINGBRIGHT-ACSC02-41PBWA Datasheet
193Kb / 5P
   SURFACE MOUNT DISPLAY
APSC56-21 KINGBRIGHT-APSC56-21 Datasheet
111Kb / 5P
   SURFACE MOUNT DISPLAY
ACPSA04-41SRWA KINGBRIGHT-ACPSA04-41SRWA Datasheet
203Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41PBWA KINGBRIGHT-ACSA03-41PBWA Datasheet
222Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA08-51PBWA-A KINGBRIGHT-ACSA08-51PBWA-A Datasheet
289Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA04-41SURKWA-F01 KINGBRIGHT-ACSA04-41SURKWA-F01 Datasheet
194Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41CGKWA-F01 KINGBRIGHT-ACSA03-41CGKWA-F01 Datasheet
192Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA02-41SURKWA-F01 KINGBRIGHT-ACSA02-41SURKWA-F01 Datasheet
284Kb / 5P
   SURFACE MOUNT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com