Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2106VGC-A Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APA2106VGC-A
Description  2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APA2106VGC-A Datasheet(HTML) 1 Page - Kingbright Corporation

  APA2106VGC-A Datasheet HTML 1Page - Kingbright Corporation APA2106VGC-A Datasheet HTML 2Page - Kingbright Corporation APA2106VGC-A Datasheet HTML 3Page - Kingbright Corporation APA2106VGC-A Datasheet HTML 4Page - Kingbright Corporation APA2106VGC-A Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAG5468
REV NO: V.3
DATE: MAY/07/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203005057
2.1x0.6mm RIGHT ANGLE SURFACE LED
LAMP
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: APA2106VGC/A
Green
Features
2.1mmX0.6mm RIGHT ANGLE SMT LED, 1.0mm
THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE: 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Description
The Green source color devices are made with InGaN on
G-SiC Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2.Tolerance is ±0.1(0.004") unless otherwise noted.
3.Specifications are subject to change without notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications


Similar Part No. - APA2106VGC-A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA2106VGC-Z KINGBRIGHT-APA2106VGC-Z Datasheet
290Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
More results

Similar Description - APA2106VGC-A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA2106PBC-Z KINGBRIGHT-APA2106PBC-Z Datasheet
197Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
SunLED Corporation
ZM2CR74W SUNLED-ZM2CR74W Datasheet
188Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
Kingbright Corporation
APA2106VGC KINGBRIGHT-APA2106VGC Datasheet
282Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
SunLED Corporation
ZUY74W SUNLED-ZUY74W Datasheet
187Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
ZUR74W SUNLED-ZUR74W Datasheet
189Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
Kingbright Corporation
APA2106SYCK KINGBRIGHT-APA2106SYCK Datasheet
292Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
SunLED Corporation
ZMDK74W SUNLED-ZMDK74W Datasheet
186Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
Kingbright Corporation
APA2106VGC-Z KINGBRIGHT-APA2106VGC-Z Datasheet
290Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106SEC KINGBRIGHT-APA2106SEC Datasheet
150Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106SYC KINGBRIGHT-APA2106SYC Datasheet
153Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106YC KINGBRIGHT-APA2106YC Datasheet
151Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com