Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA3010P3BT Datasheet(PDF) 3 Page - Kingbright Corporation

Part # APA3010P3BT
Description  3.0mmx1.0mm RIGHT ANGLE PHOTOTRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APA3010P3BT Datasheet(HTML) 3 Page - Kingbright Corporation

  APA3010P3BT Datasheet HTML 1Page - Kingbright Corporation APA3010P3BT Datasheet HTML 2Page - Kingbright Corporation APA3010P3BT Datasheet HTML 3Page - Kingbright Corporation APA3010P3BT Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAD1366
REV NO: V.8
DATE: JAN/10/2008
PAGE: 3 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: R.Chen
ERP: 1203000588
APA3010P3BT
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Tape Specifications
(Units : mm)


Similar Part No. - APA3010P3BT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA3010P3BT KINGBRIGHT-APA3010P3BT Datasheet
197Kb / 4P
   3. 0mmx1.0mm RIGHT ANGLE PHOTOTRANSISTOR
APA3010P3BT-GX KINGBRIGHT-APA3010P3BT-GX Datasheet
265Kb / 5P
   Tinned pads for improved solderability
APA3010P3BT-P22 KINGBRIGHT-APA3010P3BT-P22 Datasheet
566Kb / 4P
   3.0 mm x 1.0 mm Right Angle Phototransistor
More results

Similar Description - APA3010P3BT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APBA3010SURKCGKC-F01 KINGBRIGHT-APBA3010SURKCGKC-F01 Datasheet
343Kb / 6P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APPA3010SECK KINGBRIGHT-APPA3010SECK Datasheet
314Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010ESGC-GX KINGBRIGHT-APBA3010ESGC-GX Datasheet
259Kb / 6P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SURCK-GX KINGBRIGHT-APA3010SURCK-GX Datasheet
243Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010YSGC-F01 KINGBRIGHT-APBA3010YSGC-F01 Datasheet
327Kb / 6P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010SURKSGC KINGBRIGHT-APBA3010SURKSGC Datasheet
374Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010SYKCGKC-F01 KINGBRIGHT-APBA3010SYKCGKC-F01 Datasheet
327Kb / 6P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APPA3010ZGCK KINGBRIGHT-APPA3010ZGCK Datasheet
312Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SYCK-GX KINGBRIGHT-APA3010SYCK-GX Datasheet
243Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010EYC-GX KINGBRIGHT-APBA3010EYC-GX Datasheet
274Kb / 6P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com