Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA3010RWF-A Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APA3010RWF-A
Description  3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APA3010RWF-A Datasheet(HTML) 1 Page - Kingbright Corporation

  APA3010RWF-A Datasheet HTML 1Page - Kingbright Corporation APA3010RWF-A Datasheet HTML 2Page - Kingbright Corporation APA3010RWF-A Datasheet HTML 3Page - Kingbright Corporation APA3010RWF-A Datasheet HTML 4Page - Kingbright Corporation APA3010RWF-A Datasheet HTML 5Page - Kingbright Corporation APA3010RWF-A Datasheet HTML 6Page - Kingbright Corporation APA3010RWF-A Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPEC NO: DSAG3639
REV NO: V.6
DATE: JUN/01/2007
PAGE: 1 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Z.Z.YANG
ERP: 1203005366
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: APA3010RWF/A
WHITE
Package Dimensions
Features
3.0mmx1.0mm RIGHT ANGLE SMT LED, 2.0mm THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACK LIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
ELECTROSTATIC DISCHARGE THRESHOLD (HBM):1000V.
TYP. COLOR TEMPERATURE:6500K
COLOR COORDINATES:X=0.31,Y=0.31 ACC. TO
CIE1931(WHITE).
OPTICAL EFFICIENCY:8.8 lm/W(TYP.)
COLOR REPRODUCTION INDEX:80
RoHS COMPLIANT.
PRELIMINARY SPEC
Description
The source color devices are made with InGaN on SiC
Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Applications
traffic signaling.
backlighting (illuminated advertising , general lighting).
interior and exterior automotive lighting.
substitution of micro incandescent lamps.
Reading camps.
signal and symbol luminaire for orientation.
marker lights (e.g. steps, exit ways, etc).
decorative and entertainment lighting.
indoor and outdoor commercial and residential
architectural lighting.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.15(0.006") unless otherwise noted.
3. Specifications are subject to change without notice.
4.The device has a single mounting surface. The device must be mounted according to the specifications.
3.0mmx1.0 mm RIGHT ANGLE SMD
CHIP LED LAMP


Similar Part No. - APA3010RWF-A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA3010RWF KINGBRIGHT-APA3010RWF Datasheet
391Kb / 7P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010RWF KINGBRIGHT-APA3010RWF Datasheet
348Kb / 7P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010RWF/A KINGBRIGHT-APA3010RWF/A Datasheet
348Kb / 7P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010RWF_0706 KINGBRIGHT-APA3010RWF_0706 Datasheet
348Kb / 7P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - APA3010RWF-A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZM2CY56W SUNLED-ZM2CY56W Datasheet
186Kb / 4P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APA3010PBC KINGBRIGHT-APA3010PBC Datasheet
280Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010MGC KINGBRIGHT-APA3010MGC Datasheet
274Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SRCPRV KINGBRIGHT-APA3010SRCPRV Datasheet
275Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APA3010QWF-F-GX TO-GRACE-APA3010QWF-F-GX Datasheet
1Mb / 6P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APA3010PBC-A KINGBRIGHT-APA3010PBC-A Datasheet
290Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010RWF_0706 KINGBRIGHT-APA3010RWF_0706 Datasheet
348Kb / 7P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SYCK KINGBRIGHT-APA3010SYCK Datasheet
274Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010CGCK KINGBRIGHT-APA3010CGCK Datasheet
274Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010QBC KINGBRIGHT-APA3010QBC Datasheet
281Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010MGC-GX KINGBRIGHT-APA3010MGC-GX Datasheet
250Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com