Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10L-RGB2-B7+ Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LM10L-RGB2-B7+
Description  LINEARlight Colormix Flex
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LM10L-RGB2-B7+ Datasheet(HTML) 4 Page - OSRAM GmbH

  LM10L-RGB2-B7+ Datasheet HTML 1Page - OSRAM GmbH LM10L-RGB2-B7+ Datasheet HTML 2Page - OSRAM GmbH LM10L-RGB2-B7+ Datasheet HTML 3Page - OSRAM GmbH LM10L-RGB2-B7+ Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Assembly Information
Solder connections should only be performed on designated solder pads (marked "24V +/RGB"). During soldering, do not exceed
the maximum soldering time of 10 seconds and the maximum soldering temperature of 260°C.
The smallest unit (200 mm- 10 LEDs) can be removed by cutting with scissors between the designated solder pads.
The mounting of the module is facilitated by means of the double-sided adhesive on the back-surface of the module. Care must be
taken to provide a clean and dry mounting surface, free of oils or silicone coatings as well as dirt particle. The mounting substrate
must have sufficient structural integrity. Take care to completely remove the adhesive backing. Once the module is appropriately
positioned, press on the module with about 20N/cm² (refer to application techniques of 3M adhesive transfer tapes).
The minimum bending radius is 2 cm. The module may be bent over a smaller radius but only in regions of the circuit board
containing no electronic components and such bends should be made once and fixed in position to avoid cyclic fatigue.
The thermal length expansion coefficient of the modul is 17*10^-6cm/cm/K. When installing in environments with large variations in
temperature (e.g. outdoor applications) and operating length of more than 2 m, the use of metallic mounting surfaces is necessary.
Otherwise it is advisable to use an additional thicker adhesive tape to absorb the stress of any mismatch in expansion coefficients.
Related and Further Information
The new dimension of light
153 S006 GB
New creativity in lighting design
LED Modules for illuminated signs
138 W002 GB
OPTOTRONIC® Technical Guide
130 T008 GB
OPTOTRONIC® Technical Guide - Download:
Electronic Control Gear - Handbook OPTOTRONIC®
www.osram.com/service_corner/download_cen
ter
OSRAM LED systems
www.osram.com/products/led-systems
Sales and Technical Support
Sales and technical support is given by the
local OSRAM subsidiaries.
On our world wide homepage all OSRAM
subsidiaries are listed with complete
address and phone numbers.
OSRAM GmbH
Hellabrunner Strasse 1
D - 81536 München
Germany
www.osram.com
+49 (0)89 6213-0
Productgroup
Productname
EAN *
S-Unit *
Ordering Guide
LINEARlight Colormix Flex
LM10L-RGB2-B7 +
4008321169402
8
LINEARlight Colormix Flex
LM10L-RGB2-B8 +
4008321169426
8
LINEARlight Colormix Flex
LM10L-RGB-B7
4008321008824
8
LINEARlight Colormix Flex
LM10L-RGB-B8
4008321008886
8
EAN: Ordering number per single module
S-Unit: Modules per shipping unit
*)
Note: Typical performance data are subject to change without any further notice, particularly as LED technology evolves.
Page 4 of 4
LM10L - 15.09.2006


Similar Part No. - LM10L-RGB2-B7+

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Linear Technology
LM10 LINER-LM10 Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Cynergy3 Co
LM10 CYNERGY3-LM10 Datasheet
300Kb / 1P
   switch for turbulent liquids & confined spaces
logo
Texas Instruments
LM10 TI-LM10 Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
More results

Similar Description - LM10L-RGB2-B7+

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LF05CE-P OSRAM-LF05CE-P Datasheet
518Kb / 4P
   LINEARlight Colormix Flex Protect
LR18CP OSRAM-LR18CP Datasheet
149Kb / 4P
   LINEARlight Colormix Power
logo
Gilway Technical Lamp
GTL-OS-70082 GILWAY-GTL-OS-70082 Datasheet
581Kb / 4P
   Product Information Bulletin LINEARlight Flex Top Colormix
GTL-OS-70080 GILWAY-GTL-OS-70080 Datasheet
561Kb / 4P
   Product Information Bulletin LINEARlight Colormix LED Module
logo
OSRAM GmbH
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
   LINEARlight Flex
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
   LINEARlight Flex
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
   LINEARlight Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
   LINEARLIGHT POWER FLEX
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
LF05E2 OSRAM-LF05E2 Datasheet
482Kb / 6P
   LINEARLIGHT FLEX ECO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com