Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APH1608RWF Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APH1608RWF
Description  1.6X0.8mm SMD CHIP LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APH1608RWF Datasheet(HTML) 1 Page - Kingbright Corporation

  APH1608RWF_07 Datasheet HTML 1Page - Kingbright Corporation APH1608RWF_07 Datasheet HTML 2Page - Kingbright Corporation APH1608RWF_07 Datasheet HTML 3Page - Kingbright Corporation APH1608RWF_07 Datasheet HTML 4Page - Kingbright Corporation APH1608RWF_07 Datasheet HTML 5Page - Kingbright Corporation APH1608RWF_07 Datasheet HTML 6Page - Kingbright Corporation APH1608RWF_07 Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPEC NO: DSAG3635
REV NO: V.6
DATE: JUN/29/2007
PAGE: 1 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: D.M.LIU
ERP: 1203005370
Package Dimensions
1.6X0.8mm SMD CHIP LED LAMP
Features
●1.6mmX0.8mm SMT LED, 0.65mm THICKNESS.
●LOW POWER CONSUMPTION.
●WIDE VIEWING ANGLE.
●IDEAL FOR BACKLIGHT AND INDICATOR.
●PACKAGE: 2000PCS / REEL .
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
ELECTROSTATIC DISCHARGE THRESHOLD (HBM):1000V.
TYP. COLOR TEMPERATURE:6500K
COLOR COORDINATES:X=0.31,Y=0.31 ACC. TO
CIE1931(WHITE).
OPTICAL EFFICIENCY:7.9 lm/W(TYP.)
COLOR REPRODUCTION INDEX:80
RoHS COMPLIANT.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: APH1608RWF/A
WHITE
Description
The source color devices are made with InGaN on SiC
Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
PRELIMINARY SPEC
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.1(0.004") unless otherwise noted.
3.Specifications are subject to change without notice.
4.The device has a single mounting surface. The device must be mounted according to the specifications.
Applications
traffic signaling.
backlighting (illuminated advertising , general lighting).
interior and exterior automotive lighting.
substitution of micro incandescent lamps.
reading lamps.
signal and symbol luminaire for orientation.
marker lights (e.g. steps, exit ways, etc).
decorative and entertainment lighting.
indoor and outdoor commercial and residential
architectural lighting.


Similar Part No. - APH1608RWF_07

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APH1608RWF-A KINGBRIGHT-APH1608RWF-A Datasheet
310Kb / 7P
   1.6X0.8mm SMD CHIP LED LAMP
APH1608RWF-A KINGBRIGHT-APH1608RWF-A Datasheet
293Kb / 7P
   1.6X0.8mm SMD CHIP LED LAMP
APH1608RWF-A KINGBRIGHT-APH1608RWF-A_07 Datasheet
293Kb / 7P
   1.6X0.8mm SMD CHIP LED LAMP
APH1608RWF/A KINGBRIGHT-APH1608RWF/A Datasheet
310Kb / 7P
   1.6X0.8mm SMD CHIP LED LAMP
APH1608RWF/A KINGBRIGHT-APH1608RWF/A Datasheet
293Kb / 7P
   1.6X0.8mm SMD CHIP LED LAMP
More results

Similar Description - APH1608RWF_07

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZUYT53W-3 SUNLED-ZUYT53W-3 Datasheet
199Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APT1608SEC KINGBRIGHT-APT1608SEC Datasheet
99Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
AP1608SEC KINGBRIGHT-AP1608SEC Datasheet
103Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
AP1608CGCK KINGBRIGHT-AP1608CGCK Datasheet
121Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
APHK1608PBC-Z KINGBRIGHT-APHK1608PBC-Z Datasheet
297Kb / 5P
   1.6x0.8mm SMD CHIP LED LAMP
APT1608MBC KINGBRIGHT-APT1608MBC_07 Datasheet
211Kb / 5P
   1.6X0.8mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2CR53W SUNLED-ZM2CR53W Datasheet
195Kb / 4P
   1.6x0.8mm SMD CHIP LED LAMP
ZMO53W-3 SUNLED-ZMO53W-3 Datasheet
191Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
ZURT53W-3 SUNLED-ZURT53W-3 Datasheet
192Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
ZUY53W SUNLED-ZUY53W Datasheet
192Kb / 4P
   1.6x0.8mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com