Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APHBM2012PBASURKC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APHBM2012PBASURKC
Description  2.0x1.25mm SMD CHIP LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHBM2012PBASURKC Datasheet(HTML) 2 Page - Kingbright Corporation

  APHBM2012PBASURKC Datasheet HTML 1Page - Kingbright Corporation APHBM2012PBASURKC Datasheet HTML 2Page - Kingbright Corporation APHBM2012PBASURKC Datasheet HTML 3Page - Kingbright Corporation APHBM2012PBASURKC Datasheet HTML 4Page - Kingbright Corporation APHBM2012PBASURKC Datasheet HTML 5Page - Kingbright Corporation APHBM2012PBASURKC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAG7624
REV NO: V.2
DATE: MAY/17/2007
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203005980
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2θ1/2
APHBM2012PBASURKC
Blue (InGaN)
WATER CLEAR
18
50
Hyper Red (InGaAlP)
70
200
120
°
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Blue
Hyper Red
468
650
nm
IF=20mA
λD [1]
Dominant Wavelength
Blue
Hyper Red
470
635
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Blue
Hyper Red
21
28
nm
IF=20mA
C
Capacitance
Blue
Hyper Red
100
35
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Blue
Hyper Red
3.2
1.95
4
2.5
V
IF=20mA
IR
Reverse Current
Blue
Hyper Red
10
10
uA
VR = 5V
Parameter
Blue
Hyper Red
Units
Power dissipation
120
75
mW
DC Forward Current
30
30
mA
Peak Forward Current [1]
100
185
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C


Similar Part No. - APHBM2012PBASURKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHBM2012PBASURKC KINGBRIGHT-APHBM2012PBASURKC Datasheet
198Kb / 6P
   2.0x1.25mm SMD CHIP LED LAMP
More results

Similar Description - APHBM2012PBASURKC

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-0805-B GILWAY-GHB-0805-B Datasheet
141Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APTK2012SECK-F01 KINGBRIGHT-APTK2012SECK-F01 Datasheet
291Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-0805-R GILWAY-GHB-0805-R Datasheet
134Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APTC2012CGCK KINGBRIGHT-APTC2012CGCK Datasheet
101Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
AP2012PBC-A KINGBRIGHT-AP2012PBC-A Datasheet
158Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
APHCM2012SECK-F01 KINGBRIGHT-APHCM2012SECK-F01 Datasheet
281Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
APHCM2012SYCK-F01 KINGBRIGHT-APHCM2012SYCK-F01 Datasheet
279Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
APHCM2012VGC-A-F01 KINGBRIGHT-APHCM2012VGC-A-F01 Datasheet
284Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
APT2012SGC KINGBRIGHT-APT2012SGC_07 Datasheet
273Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
AP2012SURC KINGBRIGHT-AP2012SURC Datasheet
125Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
APT2012ZGC KINGBRIGHT-APT2012ZGC Datasheet
279Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com