Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTX2748D Datasheet(PDF) 4 Page - Advanced Crystal Technology

Part # ACTX2748D
Description  Bandpass Filter for Digital Terrestrial TV Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTX2748D Datasheet(HTML) 4 Page - Advanced Crystal Technology

  ACTX2748D Datasheet HTML 1Page - Advanced Crystal Technology ACTX2748D Datasheet HTML 2Page - Advanced Crystal Technology ACTX2748D Datasheet HTML 3Page - Advanced Crystal Technology ACTX2748D Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tel : +44 118 979 1238
Fax : +44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Frequency Response
Channel 1 (switching pin 2 connected to ground)
Channel 2 (switching pin 2 connected to pin 1)
iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTX2748D

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACTX1018 ABRACON-ACTX1018 Datasheet
512Kb / 1P
   5Vdc or 3.3Vdc TTL / CMOSAND SINE WAVE TEMPERATURE-COMPENSATED XTAL OSCILLATORS
ACTX1018S ABRACON-ACTX1018S Datasheet
512Kb / 1P
   5Vdc or 3.3Vdc TTL / CMOSAND SINE WAVE TEMPERATURE-COMPENSATED XTAL OSCILLATORS
logo
Advanced Crystal Techno...
ACTX3033D ACT-ACTX3033D Datasheet
97Kb / 3P
   Bandpass Filter for Digital Cable & STB Applications
SEPT 04
ACTX3033D/36.125/SIP5D ACT-ACTX3033D/36.125/SIP5D Datasheet
97Kb / 3P
   Bandpass Filter for Digital Cable & STB Applications
SEPT 04
ACTX3034D ACT-ACTX3034D Datasheet
96Kb / 3P
   Bandpass Filter for Digital Cable Applications
SEPT 04
More results

Similar Description - ACTX2748D

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTX3142D ACT-ACTX3142D Datasheet
97Kb / 3P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
logo
EPCOS
X6764D EPCOS-X6764D Datasheet
75Kb / 7P
   SAW bandpass filter Bandpass filters for terrestrial TV applications
X6753M EPCOS-X6753M Datasheet
80Kb / 8P
   SAW bandpass filter Bandpass filters for terrestrial TV applications
X7550D EPCOS-X7550D Datasheet
77Kb / 8P
   SAW bandpass Filter Low loss bandpass filter for terrestrial TV applications
logo
Fujitsu Component Limit...
FAR-K4SH-36M000-L0E1 FUJITSU-FAR-K4SH-36M000-L0E1 Datasheet
124Kb / 9P
   IF Filter for Digital Terrestrial TV
SBSF03AAPL FUJITSU-SBSF03AAPL Datasheet
100Kb / 6P
   IF Filter for Digital Terrestrial TV
SBSF03ABPL FUJITSU-SBSF03ABPL Datasheet
104Kb / 6P
   IF Filter for Digital Terrestrial TV
SBF0406RPL FUJITSU-SBF0406RPL Datasheet
82Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0407BPL FUJITSU-SBF0407BPL Datasheet
80Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0408KPL FUJITSU-SBF0408KPL Datasheet
80Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com