Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C64AL-10TI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61C64AL-10TI
Description  8K x 8 HIGH-SPEED CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C64AL-10TI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61C64AL-10TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C64AL-10TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C64AL-10TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C64AL-10TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C64AL-10TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C64AL-10TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C64AL-10TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C64AL-10TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C64AL-10TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
IS61C64AL
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. B
10/23/06
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Levels
Output Load
See Figures 1 and 2
AC TEST LOADS
Figure 2
480
Ω
5 pF
Including
jig and
scope
255
Ω
OUTPUT
5V
480
Ω
30 pF
Including
jig and
scope
255
Ω
OUTPUT
5V
Figure 1
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-10 ns
-12 ns
Symbol
Parameter
Min.
Max
Min. Max.
Unit
tRC
Read Cycle Time
10
12
ns
tAA
Address Access Time
10
12
ns
tOHA
Output Hold Time
2
2
ns
tACS
CE Access Time
10
12
ns
tDOE
OE Access Time
6
6
ns
tLZOE(2)
OE to Low-Z Output
0
0
ns
tHZOE(2)
OE to High-Z Output
5
6
ns
tLZCS(2)
CE to Low-Z Output
2
3
ns
tHZCS(2)
CE to High-Z Output
5
7
ns
tPU(3)
CE to Power-Up
0
0
ns
tPD(3)
CE to Power-Down
10
12
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V
and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. Not 100% tested.


Similar Part No. - IS61C64AL-10TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64AL-10TI ISSI-IS61C64AL-10TI Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C64AL-10TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64B ISSI-IS61C64B Datasheet
44Kb / 9P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2465A WINBOND-W2465A Datasheet
207Kb / 9P
   8K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61C64AH ICSI-IS61C64AH Datasheet
433Kb / 8P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
   8K * 8 HIGH SPEED CMOS STATIC RAM
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
   ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com