Electronic Components Datasheet Search |
|
SN65LVDS050 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
SN65LVDS050 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 28 page www.ti.com DEVICE ELECTRICAL CHARACTERISTICS DRIVER ELECTRICAL CHARACTERISTICS SN65LVDS179,, SN65LVDS180 SN65LVDS050, SN65LVDS051 SLLS301O – APRIL 1998 – REVISED MAY 2007 over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT SN65LVDS179 No receiver load, driver RL = 100 Ω 9 12 mA Driver and receiver enabled, no receiver load, driver RL = 100 Ω 9 12 Driver enabled, receiver disabled, RL = 100 Ω 5 7 SN65LVDS180 mA Driver disabled, receiver enabled, no load 1.5 2 Disabled 0.5 1 Supply ICC Drivers and receivers enabled, no receiver loads, driver RL = 100 Ω 12 20 current Drivers enabled, receivers disabled, RL = 100 Ω 10 16 SN65LVDS050 mA Drivers disabled, receivers enabled, no loads 3 6 Disabled 0.5 1 Drivers enabled, No receiver loads, driver RL = 100 Ω 12 20 SN65LVDS051 mA Drivers disabled, no loads 3 6 (1) All typical values are at 25°C and with a 3.3-V supply. over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT |VOD| Differential output voltage magnitude 247 340 454 RL = 100 Ω, See mV Change in differential output voltage magnitude between logic Figure 3 and Figure 2 ∆|V OD| -50 50 states VOC(SS) Steady-state common-mode output voltage 1.125 1.2 1.375 V Change in steady-state common-mode output voltage between ∆V OC(SS) See Figure 3 –50 50 mV logic states VOC(PP) Peak-to-peak common-mode output voltage 50 150 mV DE –0.5 –20 IIH High-level input current VIH = 5 V µA D 2 20 DE –0.5 –10 IIL Low-level input current VIL = 0.8 V µA D 2 10 VOY or VOZ = 0 V 3 10 IOS Short-circuit output current mA VOD = 0 V 3 10 DE = OV VOY = VOZ = OV IO(OFF) Off-state output current –1 1 µA DE = VCC VOY = VOZ = OV, VCC < 1.5 V CIN Input capacitance 3 pF 5 Submit Documentation Feedback |
Similar Part No. - SN65LVDS050 |
|
Similar Description - SN65LVDS050 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |