Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC428 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TMC428
Description  Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC428 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TMC428_06 Datasheet HTML 1Page - List of Unclassifed Manufacturers TMC428_06 Datasheet HTML 2Page - List of Unclassifed Manufacturers TMC428_06 Datasheet HTML 3Page - List of Unclassifed Manufacturers TMC428_06 Datasheet HTML 4Page - List of Unclassifed Manufacturers TMC428_06 Datasheet HTML 5Page - List of Unclassifed Manufacturers TMC428_06 Datasheet HTML 6Page - List of Unclassifed Manufacturers TMC428_06 Datasheet HTML 7Page - List of Unclassifed Manufacturers TMC428_06 Datasheet HTML 8Page - List of Unclassifed Manufacturers TMC428_06 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
TMC428 DATASHEET (v. 2.02 / April 26
th, 2006)
1
Copyright © 2004-2006, TRINAMIC Motion Control GmbH & Co. KG
TMC428 – DATASHEET
Intelligent Triple Stepper Motor Controller with
Serial Peripheral Interfaces
TRINAMIC Motion Control GmbH & Co. KG
Sternstrasse 67
D – 20357 Hamburg
GERMANY
P +49 - (0) 40 - 51 48 06 - 0
F +49 - (0) 40 - 51 48 06 - 60
www.trinamic.com
info@trinamic.com
1 Features
The TMC428 is a miniaturized high performance stepper motor controller. It controls up to three 2-
phase stepper motors. All motors can operate independently. The TMC428 allows up to 6 bit micro
step resolution – corresponding to 64 micro steps per full step – individually selectable for each motor.
Once initialized, it performs all real time critical tasks autonomously based on target positions and
velocities, which can be altered on-the-fly. So, an inexpensive microcontroller together with the
TMC428 forms a complete motion control system. The microcontroller is free to do application specific
interfacing and high level control functions. Both, the communication with the microcontroller and with
one to three daisy chained stepper motor drivers take place via two separate 4 wire serial peripheral
interfaces. The TMC428 directly connects to SPI
TM* smart power stepper motor drivers.
Controls up to three 2-phase stepper motors
Serial 4-wire interface for µC with easy-to-use protocol
Configurable interface for SPI
TM motor drivers
Different types of SPI
TM stepper motor driver chips may be mixed within a single daisy chain
Communication on demand minimizes traffic to the SPI
TM stepper motor driver chain
Programmable SPI
TM data rates up to 1 Mbit/s
Wide range for clock frequency – can use CPU clock up to 16 MHz
Internal 24 bit wide position counters
Full step frequencies up to 20 kHz
Read-out facility for actual motion parameters (position, velocity, acceleration) and driver status
Individual micro step resolution of {64, 32, 16, 8, 4, 2, 1} micro steps via built-in sequencer
Programmable 6 bit micro step table with up to 64 entries for a quarter sine-wave period
Built-in ramp generators for autonomous positioning and speed control
On-the-fly change of target motion parameters (like position, velocity, acceleration)
Automatic acceleration dependent current control (power boost)
Low power operation: Only 1.25 mA @ 4 MHz (typ.)
Power down mode with transparent wake-up for normal operation
3.3V or 5V operation with CMOS / TTL compatible IOs (all inputs Schmitt-Trigger)
Available in ultra small 16 pin SSOP package and small 24 pin SOP package
* SPI is Trademark of Motorola, Inc.


Similar Part No. - TMC428_06

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC428-I TRINAMIC-TMC428-I Datasheet
456Kb / 1P
   Three Axis Stepper Motor Controller with Integrated Sequencer
TMC428-PI24 TRINAMIC-TMC428-PI24 Datasheet
456Kb / 1P
   Three Axis Stepper Motor Controller with Integrated Sequencer
logo
Adam Technologies, Inc.
TMC4281GT ADAM-TECH-TMC4281GT Datasheet
209Kb / 2P
   SCREW MACHINE SOCKETS & TERMINAL STRIPS
TMC4281TT ADAM-TECH-TMC4281TT Datasheet
209Kb / 2P
   SCREW MACHINE SOCKETS & TERMINAL STRIPS
TMC4282GT ADAM-TECH-TMC4282GT Datasheet
209Kb / 2P
   SCREW MACHINE SOCKETS & TERMINAL STRIPS
More results

Similar Description - TMC428_06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
logo
TRINAMIC Motion Control...
TMC603A TRINAMIC-TMC603A_16 Datasheet
886Kb / 37P
   Intelligent Triple Stepper Motor Controller
TMC429 TRINAMIC-TMC429_16 Datasheet
1Mb / 83P
   Intelligent Triple Stepper Motor Controller
PD-1140 TRINAMIC-PD-1140 Datasheet
778Kb / 26P
   Stepper Motor with Controller
PD-1021 TRINAMIC-PD-1021 Datasheet
758Kb / 21P
   Stepper Motor with Controller
PD-1161 TRINAMIC-PD-1161 Datasheet
366Kb / 1P
   Stepper Motor with Controller
logo
Zilog, Inc.
Z84C1510AEG ZILOG-Z84C1510AEG Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84C1510FEC ZILOG-Z84C1510FEC Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84C1510FEC00TR ZILOG-Z84C1510FEC00TR Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84013 ZILOG-Z84013 Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com