Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT16543DLRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ABT16543DLRG4
Description  16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT16543DLRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ABT16543DLRG4 Datasheet HTML 3Page - Texas Instruments SN74ABT16543DLRG4 Datasheet HTML 4Page - Texas Instruments SN74ABT16543DLRG4 Datasheet HTML 5Page - Texas Instruments SN74ABT16543DLRG4 Datasheet HTML 6Page - Texas Instruments SN74ABT16543DLRG4 Datasheet HTML 7Page - Texas Instruments SN74ABT16543DLRG4 Datasheet HTML 8Page - Texas Instruments SN74ABT16543DLRG4 Datasheet HTML 9Page - Texas Instruments SN74ABT16543DLRG4 Datasheet HTML 10Page - Texas Instruments SN74ABT16543DLRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN54ABT16543, SN74ABT16543
16-BIT REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS087C – FEBRUARY 1991 – REVISED JANUARY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN54ABT16543
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
tPLH
AorB
BorA
0.8
2.5
3.3
0.8
3.9
ns
tPHL
A or B
B or A
0.9
2.7
4.4
0.9
5.2
ns
tPLH
LE
AorB
1
3.1
4.3
1
5.3
ns
tPHL
LE
A or B
1.2
3.3
4.8
1.2
5.7
ns
tPZH
OE
AorB
0.8
3.4
4.3
0.8
5.3
ns
tPZL
OE
A or B
1.1
3.8
7
1.1
7.9
ns
tPHZ
OE
AorB
1.9
4
6.3
1.9
7.2
ns
tPLZ
OE
A or B
1.6
3.3
4.6
1.6
5
ns
tPZH
CE
AorB
0.9
3.8
4.9
0.9
6.3
ns
tPZL
CE
A or B
1.2
4.2
6.8
1.2
7.9
ns
tPHZ
CE
AorB
2
4.5
6.4
2
7.3
ns
tPLZ
CE
A or B
1.7
3.9
5.1
1.7
5.6
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN74ABT16543
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
tPLH
AorB
BorA
1
2.5
3.3
1
3.8
ns
tPHL
A or B
B or A
1
2.7
4.4
1
5.1
ns
tPLH
LE
AorB
1
3.1
4.3
1
5.2
ns
tPHL
LE
A or B
1.2
3.3
4.8
1.2
5.6
ns
tPZH
OE
AorB
1
3.4
4.3
1
5.2
ns
tPZL
OE
A or B
1.1
3.8
5.9
1.1
7
ns
tPHZ
OE
AorB
1.9
4
5
1.9
5.7
ns
tPLZ
OE
A or B
1.6
3.3
4.2
1.6
4.6
ns
tPZH
CE
AorB
1
3.8
4.9
1
6.2
ns
tPZL
CE
A or B
1.2
4.2
6.5
1.2
7.8
ns
tPHZ
CE
AorB
2
4.5
5.6
2
6.6
ns
tPLZ
CE
A or B
1.7
3.9
5.1
1.7
5.4
ns


Similar Part No. - SN74ABT16543DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT16543DLRG4 TI-SN74ABT16543DLRG4 Datasheet
139Kb / 13P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT16543DLRG4

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH162543 HITACHI-HD74ALVCH162543 Datasheet
58Kb / 12P
   16-bit Registered Transceivers with 3-state Outputs
HD74ALVCH16543 HITACHI-HD74ALVCH16543 Datasheet
57Kb / 13P
   16-bit Registered Transceivers with 3-state Outputs
logo
Texas Instruments
54ACT16543 TI-54ACT16543_07 Datasheet
322Kb / 12P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16543 TI-54ACT16543 Datasheet
179Kb / 10P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16470 TI1-SN54ABT16470_08 Datasheet
338Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16543 TI1-54AC16543 Datasheet
176Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16470 TI1-54ACT16470 Datasheet
164Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16544 TI-54ACT16544 Datasheet
153Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16952 TI-54ACT16952 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16543 TI-SN54ABT16543 Datasheet
139Kb / 13P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16470 TI-74ACT16470 Datasheet
149Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com