Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4245-51 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # 4245-51
Description  SPDT UltraCMOS??RF Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4245-51 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  4245-51 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4245-51 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4245-51 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4245-51 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4245-51 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4245-51 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4245-51 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4245-51 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Product Specification
PE4245
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0104-06
│ www.psemi.com
Page 3 of 8
-100
-80
-60
-40
-20
0
0
800
1600
2400
3200
4000
Frequency (MHz)
T = -40 °C to 85 °C
-1.5
-1.2
-0.9
-0.6
-0.3
0
0
800
1600
2400
3200
4000
Frequency (MHz)
-40°C
25°C
85°C
20
30
40
50
60
20
30
40
50
60
0
800
1600
2400
3200
4000
Frequency (MHz)
-1.5
-1.2
-0.9
-0.6
-0.3
0
0
800
1600
2400
3200
4000
Frequency (MHz)
-40°C
25°C
85°C
Typical Performance Data @ 25 °C (Unless Otherwise Noted)
T = -40 °C to 85 °C
Figure 4. Insertion Loss - RFC to RF1
Figure 5. Input 1dB Compression Point and IIP3
Figure 6. Insertion Loss - RFC to RF2
Figure 7. Isolation - RFC to RF1


Similar Part No. - 4245-51

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4245-51 PEREGRINE-4245-51 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
4245-51 PEREGRINE-4245-51 Datasheet
263Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
More results

Similar Description - 4245-51

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com