Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C256B-25N6TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # M27C256B-25N6TR
Description  256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C256B-25N6TR Datasheet(HTML) 4 Page - STMicroelectronics

  M27C256B-25N6TR Datasheet HTML 1Page - STMicroelectronics M27C256B-25N6TR Datasheet HTML 2Page - STMicroelectronics M27C256B-25N6TR Datasheet HTML 3Page - STMicroelectronics M27C256B-25N6TR Datasheet HTML 4Page - STMicroelectronics M27C256B-25N6TR Datasheet HTML 5Page - STMicroelectronics M27C256B-25N6TR Datasheet HTML 6Page - STMicroelectronics M27C256B-25N6TR Datasheet HTML 7Page - STMicroelectronics M27C256B-25N6TR Datasheet HTML 8Page - STMicroelectronics M27C256B-25N6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
M27C256B
4/16
DEVICE OPERATION
The operating modes of the M27C256B are listed
in the Operating Modes. A single power supply is
required in the read mode. All inputs are TTL lev-
els except for VPP and 12V on A9 for Electronic
Signature.
Read Mode
The M27C256B has two control functions, both of
which must be logically active in order to obtain
data at the outputs. Chip Enable (E) is the power
control and should be used for device selection.
Output Enable (G) is the output control and should
be used to gate data to the output pins, indepen-
dent of device selection. Assuming that the ad-
dresses are stable, the address access time
(tAVQV) is equal to the delay from E to output
(tELQV). Data is available at the output after delay
of tGLQV from the falling edge of G, assuming that
E has been low and the addresses have been sta-
ble for at least tAVQV-tGLQV.
Standby Mode
The M27C256B has a standby mode which reduc-
es the supply current from 30mA to 100µA. The
M27C256B is placed in the standby mode by ap-
plying a CMOS high signal to the E input. When in
the standby mode, the outputs are in a high imped-
ance state, independent of the G input.
Table 5. AC Measurement Conditions
High Speed
Standard
Input Rise and Fall Times
≤ 10ns
≤ 20ns
Input Pulse Voltages
0 to 3V
0.4V to 2.4V
Input and Output Timing Ref. Voltages
1.5V
0.8V and 2V
Figure 3. AC Testing Input Output Waveform
AI01822
3V
High Speed
0V
1.5V
2.4V
Standard
0.4V
2.0V
0.8V
Figure 4. AC Testing Load Circuit
AI01823B
1.3V
OUT
CL
CL = 30pF for High Speed
CL = 100pF for Standard
CL includes JIG capacitance
3.3k
1N914
DEVICE
UNDER
TEST
Table 6. Capacitance (1) (TA = 25 °C, f = 1 MHz)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
12
pF


Similar Part No. - M27C256B-25N6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B-25B1TR STMICROELECTRONICS-M27C256B-25B1TR Datasheet
197Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27C256B-25B3TR STMICROELECTRONICS-M27C256B-25B3TR Datasheet
197Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27C256B-25B6TR STMICROELECTRONICS-M27C256B-25B6TR Datasheet
197Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27C256B-25C1TR STMICROELECTRONICS-M27C256B-25C1TR Datasheet
197Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27C256B-25C3TR STMICROELECTRONICS-M27C256B-25C3TR Datasheet
197Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
More results

Similar Description - M27C256B-25N6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B-12F1 STMICROELECTRONICS-M27C256B-12F1 Datasheet
203Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27C256B STMICROELECTRONICS-M27C256B_06 Datasheet
197Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27W256 STMICROELECTRONICS-M27W256 Datasheet
101Kb / 15P
   256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27V256 STMICROELECTRONICS-M27V256 Datasheet
103Kb / 15P
   256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001_06 Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-12F6 STMICROELECTRONICS-M27C1001-12F6 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com