Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS051DRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65LVDS051DRG4
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS051DRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVDS051DRG4 Datasheet HTML 1Page - Texas Instruments SN65LVDS051DRG4 Datasheet HTML 2Page - Texas Instruments SN65LVDS051DRG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS051DRG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS051DRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS051DRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS051DRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS051DRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS051DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
2.4 *
V
ID
2
V
ID
2
SN65LVDS179,, SN65LVDS180
SN65LVDS050, SN65LVDS051
SLLS301O – APRIL 1998 – REVISED MAY 2007
over operating free-air temperature range (unless otherwise noted)
UNIT
VCC (see (2))
Supply voltage range
–0.5 V to 4 V
D, R, DE, RE
–0.5 V to 6 V
Voltage range:
Y, Z, A, and B
–0.5 V to 4 V
|VOD|
Differential output voltage:
1 V
Electrostatic discharge:
Y, Z, A, B , and GND (see (3))
CLass 3, A:12 kV, B:600 V
All
Class 3, A:7 kV, B:500 V
Continuous power dissipation
See Dissipation Rating Table
Storage temperature range
–65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
250°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages are with respect to network ground terminal.
(3)
Tested in accordance with MIL-STD-883C Method 3015.7.
TA≤ 25°C
DERATING FACTOR
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C(1)
POWER RATING
PW(14)
736 mW
5.9 mW/°C
383 mW
PW(16)
839 mW
6.7 mW/°C
437 mW
D(8)
635 mW
5.1 mW/°C
330 mW/°C
D(14)
987 mW
7.9 mW/°C
513 mW/°C
D(16)
1110 mW
8.9 mW/°C
577 mW/°C
DGK
424 mW
3.4 mW/°C
220 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no airflow.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
|VID|
Magnitude of differential input voltage
0.1
0.6
V
|VOD(dis)|
Magnitude of differential output voltage with disabled driver
520
mV
VOY or VOZ
Driver output voltage
0
2.4
V
VIC
Common-mode input voltage (see Figure 5)
V
VCC-0.8
TA
Operating free-air temperature
–40
85
°C
4
Submit Documentation Feedback


Similar Part No. - SN65LVDS051DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS051DRG4 TI-SN65LVDS051DRG4 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS051DRG4 TI-SN65LVDS051DRG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS051DRG4Q1 TI1-SN65LVDS051DRG4Q1 Datasheet
600Kb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS051DRG4Q1 TI1-SN65LVDS051DRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS051DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com