Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1346 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1346
Description  12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1346 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1346 Datasheet HTML 1Page - Maxim Integrated Products MAX1346 Datasheet HTML 2Page - Maxim Integrated Products MAX1346 Datasheet HTML 3Page - Maxim Integrated Products MAX1346 Datasheet HTML 4Page - Maxim Integrated Products MAX1346 Datasheet HTML 5Page - Maxim Integrated Products MAX1346 Datasheet HTML 6Page - Maxim Integrated Products MAX1346 Datasheet HTML 7Page - Maxim Integrated Products MAX1346 Datasheet HTML 8Page - Maxim Integrated Products MAX1346 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
General Description
The MAX1340/MAX1342/MAX1346/MAX1348 integrate a
multichannel, 12-bit, analog-to-digital converter (ADC)
and a quad, 12-bit, digital-to-analog converter (DAC) in a
single IC. The devices also include a temperature sensor
and configurable general-purpose I/O ports (GPIOs) with
a 25MHz SPI™-/QSPI™-/MICROWIRE™-compatible seri-
al interface. The ADC is available in a 4 or an 8 input-
channel version. The four DAC outputs settle within 2.0µs,
and the ADC has a 225ksps conversion rate.
All devices include an internal reference (4.096V) provid-
ing a well-regulated, low-noise reference for both the
ADC and DAC. Programmable reference modes for the
ADC and DAC allow the use of an internal reference, an
external reference, or a combination of both. Features
such as an internal ±1°C accurate temperature sensor,
FIFO, scan modes, programmable internal or external
clock modes, data averaging, and AutoShutdown™ allow
users to minimize both power consumption and proces-
sor requirements. The low glitch energy (4nVs) and low
digital feedthrough (0.5nVs) of the integrated quad
DACs make these devices ideal for digital control of fast-
response closed-loop systems.
The devices are guaranteed to operate with a supply
voltage from +4.75V to +5.25V The devices consume
2.5mA at 225ksps throughput, only 22µA at 1ksps
throughput, and under 0.2µA in the shutdown mode. The
MAX1342/MAX1348 offer four GPIOs that can be config-
ured as inputs or outputs.
The MAX1340/MAX1342/MAX1346/MAX1348 are avail-
able in 36-pin thin QFN packages. All devices are speci-
fied over the -40°C to +85°C temperature range.
Applications
Closed-Loop Controls for Optical Components
and Base Stations
System Supervision and Control
Data-Acquisition Systems
Features
♦ 12-Bit, 225ksps ADC
Analog Multiplexer with True-Differential
Track/Hold (T/H)
8 Single-Ended Channels or 4 Differential
Channels (Unipolar or Bipolar)
(MAX1340/MAX1342)
4 Single-Ended Channels or 2 Differential
Channels (Unipolar or Bipolar)
(MAX1346/MAX1348)
Excellent Accuracy: ±0.5 LSB INL, ±0.5 LSB DNL
♦ 12-Bit, Quad, 2µs Settling DAC
Ultra-Low Glitch Energy (4nVs)
Power-Up Options from Zero Scale or Full Scale
Excellent Accuracy: ±0.5 LSB INL
♦ Internal Reference or External Single-Ended/
Differential Reference
Internal Reference Voltage (4.096V)
♦ Internal ±1°C Accurate Temperature Sensor
♦ On-Chip FIFO Capable of Storing 16 ADC
Conversion Results and One Temperature Result
♦ On-Chip Channel-Scan Mode and Internal
Data-Averaging Features
♦ Analog Single-Supply Operation
+4.75V to +5.25V
♦ Digital Supply: 2.7V to AVDD
♦ 25MHz, SPI/QSPI/MICROWIRE Serial Interface
♦ AutoShutdown Between Conversions
♦ Low-Power ADC
2.5mA at 225ksps
22µA at 1ksps
0.2µA at Shutdown
♦ Low-Power DAC: 1.5mA
♦ Evaluation Kit Available (Order MAX1258EVKIT)
12-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
________________________________________________________________
Maxim Integrated Products
1
Ordering Information/Selector Guide
19-3332; Rev 3; 3/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Pin Configurations appear at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
REF
VOLTAGE
(V)
ANALOG
SUPPLY
VOLTAGE (V)
RESOLUTION
BITS**
ADC
CHANNELS
DAC
CHANNELS
GPIOs
MAX1340BETX
-40
°C to +85°C
36 Thin QFN-EP*
4.096
4.75 to 5.25
12
8
4
0
MAX1342BETX
-40
°C to +85°C
36 Thin QFN-EP*
4.096
4.75 to 5.25
12
8
4
4
MAX1346BETX
-40
°C to +85°C
36 Thin QFN-EP*
4.096
4.75 to 5.25
12
4
4
0
MAX1348BETX
-40
°C to +85°C
36 Thin QFN-EP*
4.096
4.75 to 5.25
12
4
4
4
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
*
EP = Exposed pad.
**
Number of resolution bits refers to both DAC and ADC.


Similar Part No. - MAX1346

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX134 MAXIM-MAX134 Datasheet
969Kb / 20P
   3쩍 Digit DMM Circuit
MAX13410E MAXIM-MAX13410E Datasheet
320Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 0; 11/07
MAX13410E MAXIM-MAX13410E Datasheet
388Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 1; 8/09
MAX13410EESA MAXIM-MAX13410EESA Datasheet
388Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 1; 8/09
MAX13410EESA++ MAXIM-MAX13410EESA+ Datasheet
320Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 0; 11/07
More results

Similar Description - MAX1346

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1220 MAXIM-MAX1220_12 Datasheet
567Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
MAX1040 MAXIM-MAX1040 Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
MAX1020 MAXIM-MAX1020_12 Datasheet
612Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 5; 2/12
MAX1020 MAXIM-MAX1020 Datasheet
1Mb / 47P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
19-3280; Rev 2; 8/04
MAX1040 MAXIM-MAX1040_08 Datasheet
406Kb / 39P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1021 MAXIM-MAX1021 Datasheet
593Kb / 40P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 3/08
logo
Texas Instruments
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
[Old version datasheet]   AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com