Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1040 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1040
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1040 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1040 Datasheet HTML 7Page - Maxim Integrated Products MAX1040 Datasheet HTML 8Page - Maxim Integrated Products MAX1040 Datasheet HTML 9Page - Maxim Integrated Products MAX1040 Datasheet HTML 10Page - Maxim Integrated Products MAX1040 Datasheet HTML 11Page - Maxim Integrated Products MAX1040 Datasheet HTML 12Page - Maxim Integrated Products MAX1040 Datasheet HTML 13Page - Maxim Integrated Products MAX1040 Datasheet HTML 14Page - Maxim Integrated Products MAX1040 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
______________________________________________________________________________________
11
TEMPERATURE SENSOR ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
-40
85
DAC-TO-DAC CROSSTALK
RLOAD = 10k
Ω, CLOAD = 100pF
MAX1040 toc29
100
μs
VOUTA
2V/div
VOUTB
10mV/div
AC-COUPLED
DYNAMIC RESPONSE RISE TIME
RLOAD = 10k
Ω, CLOAD = 100pF
MAX1040 toc30
1
μs
VOUT
2V/div
CS
2V/div
DYNAMIC RESPONSE FALL TIME
RLOAD = 10k
Ω, CLOAD = 100pF
MAX1040 toc31
1
μs
VOUT
2V/div
CS
2V/div
MAJOR CARRY TRANSITION
RLOAD = 10k
Ω, CLOAD = 100pF
MAX1040 toc32
1
μs
VOUT
20mV/div
AC-COUPLED
CS
2V/div
DAC DIGITAL FEEDTHROUGH RLOAD = 10k
Ω,
CLOAD = 100pF, CS = HIGH, DIN = LOW
MAX1040 toc33
200ns
VOUT
100mV/div
AC-COUPLED
SCLK
2V/div
NEGATIVE FULL-SCALE SETTLING TIME
RLOAD = 10k
Ω, CLOAD = 100pF
MAX1040 toc34
2
μs
VOUT_
2V/div
VLDAC
2V/div
POSITIVE FULL-SCALE SETTLING TIME
RLOAD = 10k
Ω, CLOAD = 100pF
MAX1040 toc35
1
μs
VOUT_
2V/div
VLDAC
2V/div
ADC REFERENCE FEEDTHROUGH
RLOAD = 10k
Ω, CLOAD = 100pF
MAX1040 toc36
200
μs
VDAC-OUT
2mV/div
AC-COUPLED
VREF2
2V/div
ADC REFERENCE SWITCHING
Typical Operating Characteristics (continued)
(AVDD = DVDD = 5V, external VREF = 4.096V, fCLK = 3.6MHz (50% duty cycle), fSAMPLE = 225ksps, CLOAD = 50pF, 0.1µF capacitor
at REF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1040 MAXIM-MAX1040 Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
MAX1040BETX MAXIM-MAX1040BETX Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
More results

Similar Description - MAX1040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1040 MAXIM-MAX1040 Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
MAX1020 MAXIM-MAX1020_12 Datasheet
612Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 5; 2/12
MAX1020 MAXIM-MAX1020 Datasheet
1Mb / 47P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
19-3280; Rev 2; 8/04
MAX1021 MAXIM-MAX1021 Datasheet
593Kb / 40P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 3/08
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1220 MAXIM-MAX1220_12 Datasheet
567Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
logo
Texas Instruments
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
[Old version datasheet]   AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com