Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1042BETX Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1042BETX
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1042BETX Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1042BETX Datasheet HTML 3Page - Maxim Integrated Products MAX1042BETX Datasheet HTML 4Page - Maxim Integrated Products MAX1042BETX Datasheet HTML 5Page - Maxim Integrated Products MAX1042BETX Datasheet HTML 6Page - Maxim Integrated Products MAX1042BETX Datasheet HTML 7Page - Maxim Integrated Products MAX1042BETX Datasheet HTML 8Page - Maxim Integrated Products MAX1042BETX Datasheet HTML 9Page - Maxim Integrated Products MAX1042BETX Datasheet HTML 10Page - Maxim Integrated Products MAX1042BETX Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = 4.75V to 5.25V, external reference VREF = 4.096V, fCLK = 3.6MHz (50% duty cycle), TA = -40°C to +85°C, unless
otherwise noted. Typical values are at AVDD = DVDD = 5V, TA = +25°C. Outputs are unloaded, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CKSEL = 01 (temp sense) or CKSEL =
10 (temp sense), internal reference on
65
CKSEL = 01 (temp sense) or CKSEL =
10 (temp sense), internal reference
initially off
140
CKSEL = 01 (voltage conversion)
9
CKSEL = 10 (voltage conversion),
internal reference on
9
CS or CNVST Rise to EOC
Fall—Internally Clocked
Conversion Time
tDOV
CKSEL = 10 (voltage conversion),
internal reference initially off
80
µs
CKSEL = 00, CKSEL = 01 (temp sense)
40
ns
CNVST Pulse Width
tCSW
CKSEL = 01 (voltage conversion)
1.4
µs
Note 1: Tested at DVDD = AVDD = 5.25V.
Note 2: Offset nulled.
Note 3: No bus activity during conversion. Conversion time is defined as the number of conversion clock cycles multiplied by the
clock period.
Note 4: See Table 5 for reference-mode details.
Note 5: Not production tested. Guaranteed by design.
Note 6: See the
ADC/DAC References section.
Note 7: Fast automated test, excludes self-heating effects.
Note 8: Specified over the -40°C to +85°C temperature range.
Note 9: REFSEL[1:0] = 00 or when DACs are not powered up.
Note 10: DAC linearity, gain, and offset measurements are made between codes 115 and 3981.
Note 11: The DAC buffers are guaranteed by design to be stable with a 1nF load.
Note 12: Time required by the DAC output to power up and settle within 1 LSB in the external reference mode.
Note 13: All DAC dynamic specifications are valid for a load of 100pF and 10kΩ.
Note 14: Only one digital output (either DOUT,
EOC, or the GPIOs) can be indefinitely shorted to either supply at one time.
Note 15: All digital inputs at either DVDD or DGND. DVDD should not exceed AVDD.
Note 16: See the
Reset Register section and Table 9 for details on programming the SLOW bit.
Note 17: Clock mode 11 only.


Similar Part No. - MAX1042BETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1042BETX MAXIM-MAX1042BETX Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
More results

Similar Description - MAX1042BETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1040 MAXIM-MAX1040 Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
MAX1020 MAXIM-MAX1020_12 Datasheet
612Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 5; 2/12
MAX1020 MAXIM-MAX1020 Datasheet
1Mb / 47P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
19-3280; Rev 2; 8/04
MAX1021 MAXIM-MAX1021 Datasheet
593Kb / 40P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 3/08
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1220 MAXIM-MAX1220_12 Datasheet
567Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
logo
Texas Instruments
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
[Old version datasheet]   AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com