Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS179DRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS179DRG4
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS179DRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDS179DRG4 Datasheet HTML 1Page - Texas Instruments SN65LVDS179DRG4 Datasheet HTML 2Page - Texas Instruments SN65LVDS179DRG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS179DRG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS179DRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS179DRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS179DRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS179DRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS179DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.ti.com
FEATURES
DESCRIPTION
R
D
Y
Z
A
B
R
D
Y
Z
A
B
DE
RE
2
3
2
5
4
3
5
6
8
7
9
10
12
11
2D
1D
1Y
1Z
2Y
2Z
DE
9
15
12
14
13
10
11
2R
1R
1A
1B
2A
2B
RE
5
3
4
2
1
6
7
1R
1D
1Y
1Z
1A
1B
1DE
3
15
4
14
13
2
1
2R
2D
2Y
2Z
2A
2B
2DE
5
9
12
10
11
6
7
1
2
3
4
8
7
6
5
VCC
R
D
GND
A
B
Z
Y
SN65LVDS179D (Marked as DL179 or LVD179)
SN65LVDS179DGK (Marked as S79)
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
R
RE
DE
D
GND
GND
VCC
VCC
A
B
Z
Y
NC
SN65LVDS180D (Marked as LVDS180)
SN65LVDS180PW (Marked as LVDS180)
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1R
RE
2R
2A
2B
GND
VCC
1D
1Y
1Z
DE
2Z
2Y
2D
SN65LVDS050D (Marked as LVDS050)
SN65LVDS050PW (Marked as LVDS050)
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1R
1DE
2R
2A
2B
GND
VCC
1D
1Y
1Z
2DE
2Z
2Y
2D
SN65LVDS051D (Marked as LVDS051)
SN65LVDS051PW (Marked as LVDS051)
(TOP VIEW)
SN65LVDS179,, SN65LVDS180
SN65LVDS050, SN65LVDS051
SLLS301O – APRIL 1998 – REVISED MAY 2007
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
• Meets or Exceeds the Requirements of ANSI
TIA/EIA-644-1995 Standard
• Full-Duplex Signaling Rates up to 100 Mbps
(See Table 1)
• Bus-Terminal ESD Exceeds 12 kV
• Operates From a Single 3.3-V Supply
• Low-Voltage Differential Signaling With
Typical Output Voltages of 350 mV and a
100-
Ω Load
• Propagation Delay Times
Driver: 1.7 ns Typ
Receiver: 3.7 ns Typ
• Power Dissipation at 200 MHz
Driver: 25 mW Typical
Receiver: 60 mW Typical
• LVTTL Input Levels Are 5-V Tolerant
• Receiver Maintains High Input Impedance
With VCC < 1.5 V
• Receiver Has Open-Circuit Fail Safe
The
SN65LVDS179,
SN65LVDS180,
SN65LVDS050, and SN65LVDS051 are differential
line drivers and receivers that use low-voltage
differential signaling (LVDS) to achieve signaling
rates as high as 400 Mbps (see the Application
Information
section).
The
TIA/EIA-644
standard
compliant electrical interface provides a minimum
differential output voltage magnitude of 247 mV into
a 100-
Ω load and receipt of 50-mV signals with up to
1 V of ground potential difference between a
transmitter and receiver.
The intended application of this device and signaling
technique
is
for
point-to-point
baseband
data
transmission over controlled impedance media of
approximately 100-
Ω characteristic impedance. The
transmission media may be printed-circuit board
traces, backplanes, or cables. (Note: The ultimate
rate and distance of data transfer depends on the
attenuation characteristics of the media, the noise
coupling to the environment, and other application
specific characteristics).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LVDS179DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS179DRG4 TI-SN65LVDS179DRG4 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179DRG4 TI-SN65LVDS179DRG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179DRG4 TI1-SN65LVDS179DRG4 Datasheet
1Mb / 50P
[Old version datasheet]   High-Speed Differential Line Drivers
More results

Similar Description - SN65LVDS179DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com