Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1048BETX Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1048BETX
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1048BETX Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1048BETX Datasheet HTML 2Page - Maxim Integrated Products MAX1048BETX Datasheet HTML 3Page - Maxim Integrated Products MAX1048BETX Datasheet HTML 4Page - Maxim Integrated Products MAX1048BETX Datasheet HTML 5Page - Maxim Integrated Products MAX1048BETX Datasheet HTML 6Page - Maxim Integrated Products MAX1048BETX Datasheet HTML 7Page - Maxim Integrated Products MAX1048BETX Datasheet HTML 8Page - Maxim Integrated Products MAX1048BETX Datasheet HTML 9Page - Maxim Integrated Products MAX1048BETX Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = 4.75V to 5.25V, external reference VREF = 4.096V, fCLK = 3.6MHz (50% duty cycle), TA = -40°C to +85°C, unless
otherwise noted. Typical values are at AVDD = DVDD = 5V, TA = +25°C. Outputs are unloaded, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS (Note 15)
Digital Positive-Supply Voltage
DVDD
2.7
AVDD
V
Idle, all blocks shut down
0.2
4
µA
Digital Positive-Supply Current
DIDD
Only ADC on, external reference
1
mA
Analog Positive-Supply Voltage
AVDD
4.75
5.25
V
Idle, all blocks shut down
0.2
2
µA
fSAMPLE = 225ksps
2.8
4.2
Only ADC on,
external reference
fSAMPLE = 100ksps
2.6
Analog Positive-Supply Current
AIDD
All DACs on, no load, internal reference
1.5
4.0
mA
REF1 Positive-Supply Rejection
PSRR
AVDD = 4.75V
-80
dB
DAC Positive-Supply Rejection
PSRD
Output code = FFFhex, AVDD = 4.75V to
5.25V
±0.1
±0.5
mV
ADC Positive-Supply Rejection
PSRA
Full-scale input, AVDD = 4.75V to 5.25V
±0.06
±0.5
mV
TIMING CHARACTERISTICS (Figures 6–13)
SCLK Clock Period
tCP
40
ns
SCLK Pulse-Width High
tCH
40/60 duty cycle
16
ns
SCLK Pulse-Width Low
tCL
60/40 duty cycle
16
ns
GPIO Output Rise/Fall After
CS Rise
tGOD
CLOAD = 20pF
100
ns
GPIO Input Setup Before
CS Fall
tGSU
0ns
LDAC Pulse Width
tLDACPWL
20
ns
CLOAD = 20pF, SLOW = 0
1.8
12.0
SCLK Fall to DOUT Transition
(Note 16)
tDOT
CLOAD = 20pF, SLOW = 1
10
40
ns
CLOAD = 20pF, SLOW = 0
1.8
12.0
SCLK Rise to DOUT Transition
(Notes 16, 17)
tDOT
CLOAD = 20pF, SLOW = 1
10
40
ns
CS Fall to SCLK Fall Setup Time
tCSS
10
ns
SCLK Fall to
CS Rise Setup
Time
tCSH
0
2000
ns
DIN to SCLK Fall Setup Time
tDS
10
ns
DIN to SCLK Fall Hold Time
tDH
0ns
CS Pulse-Width High
tCSPWH
50
ns
CS Rise to DOUT Disable
tDOD
CLOAD = 20pF
25
ns
CS Fall to DOUT Enable
tDOE
CLOAD = 20pF
1.5
25.0
ns
EOC Fall to CS Fall
tRDS
30
ns


Similar Part No. - MAX1048BETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX104 MAXIM-MAX104 Datasheet
637Kb / 32P
   ±5V, 1Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
Rev 1; 5/99
MAX104 MAXIM-MAX104 Datasheet
786Kb / 20P
   Demultiplexed Differential PECL Outputs
Rev 0; 6/99
MAX1040 MAXIM-MAX1040 Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
MAX1040BETX MAXIM-MAX1040BETX Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
MAX1041BETX MAXIM-MAX1041BETX Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
More results

Similar Description - MAX1048BETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1040 MAXIM-MAX1040 Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
MAX1020 MAXIM-MAX1020_12 Datasheet
612Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 5; 2/12
MAX1020 MAXIM-MAX1020 Datasheet
1Mb / 47P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
19-3280; Rev 2; 8/04
MAX1021 MAXIM-MAX1021 Datasheet
593Kb / 40P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 3/08
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1220 MAXIM-MAX1220_12 Datasheet
567Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
logo
Texas Instruments
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
[Old version datasheet]   AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com