Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T12-200PC1TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48T12-200PC1TR
Description  5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER짰 SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T12-200PC1TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48T12-200PC1TR Datasheet HTML 7Page - STMicroelectronics M48T12-200PC1TR Datasheet HTML 8Page - STMicroelectronics M48T12-200PC1TR Datasheet HTML 9Page - STMicroelectronics M48T12-200PC1TR Datasheet HTML 10Page - STMicroelectronics M48T12-200PC1TR Datasheet HTML 11Page - STMicroelectronics M48T12-200PC1TR Datasheet HTML 12Page - STMicroelectronics M48T12-200PC1TR Datasheet HTML 13Page - STMicroelectronics M48T12-200PC1TR Datasheet HTML 14Page - STMicroelectronics M48T12-200PC1TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
M48T02, M48T12
Figure 10. Power Down/Up Mode AC Waveforms
Note: Inputs may or may not be recognized at this time. Caution should be taken to keep E high as VCC rises past VPFD (min). Some systems
may perform inadvertent WRITE cycles after VCC rises above VPFD (min) but before normal system operations begin. Even though a
power on reset is being applied to the processor, a reset condition may not occur until after the system clock is running.
Table 9. Power Down/Up AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
2. VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200µs after VCC pass-
es VPFD (min).
3. VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
Table 10. Power Down/Up Trip Points DC Characteristics
Note: 1. All voltages referenced to VSS.
2. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
3. At 25°C; VCC = 0V.
Symbol
Parameter(1)
Min
Max
Unit
tPD
E or W at VIH before Power Down
0µs
tF
(2)
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
(3)
VPFD (min) to VSS VCC Fall Time
10
µs
tR
VPFD (min) to VPFD (max) VCC Rise Time
0µs
tRB
VSS to VPFD (min) VCC Rise Time
1µs
tREC
E or W at VIH before Power Up
2ms
Symbol
Parameter(1,2)
Min
Typ
Max
Unit
VPFD
Power-fail Deselect Voltage
M48T02
4.5
4.6
4.75
V
M48T12
4.2
4.3
4.5
V
VSO
Battery Back-up Switchover Voltage
3.0
V
tDR
(3)
Expected Data Retention Time
10
YEARS
AI00606
VCC
INPUTS
(PER CONTROL INPUT)
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
tREC
tPD
tRB
tDR
VALID
VALID
NOTE
(PER CONTROL INPUT)
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO


Similar Part No. - M48T12-200PC1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T12-200PC1 STMICROELECTRONICS-M48T12-200PC1 Datasheet
94Kb / 15P
   16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
M48T12-200PC1 STMICROELECTRONICS-M48T12-200PC1 Datasheet
471Kb / 27P
   CMOS 8K x 8 TIMEKEEPER SRAM
M48T12-200PC1 STMICROELECTRONICS-M48T12-200PC1 Datasheet
200Kb / 24P
   5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
logo
ARTSCHIP ELECTRONICS CO...
M48T12-200PC1 ARTSCHIP-M48T12-200PC1 Datasheet
6Mb / 21P
   TIMEKEEPER SRAM
More results

Similar Description - M48T12-200PC1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T02 STMICROELECTRONICS-M48T02_07 Datasheet
200Kb / 24P
   5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
   16 Kbit 2Kb x 8 ZEROPOWER SRAM
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
   5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48T02 STMICROELECTRONICS-M48T02_10 Datasheet
395Kb / 25P
   5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER짰 SRAM
M48T35AV STMICROELECTRONICS-M48T35AV_11 Datasheet
498Kb / 29P
   3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 9
M48T02 STMICROELECTRONICS-M48T02 Datasheet
94Kb / 15P
   16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
M48T08 STMICROELECTRONICS-M48T08_10 Datasheet
518Kb / 31P
   5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2010 Rev 10
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T08 STMICROELECTRONICS-M48T08_11 Datasheet
497Kb / 31P
   5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 11
M48T58 STMICROELECTRONICS-M48T58_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com