Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51427RHBT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51427RHBT
Description  DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51427RHBT Datasheet(HTML) 4 Page - Texas Instruments

  TPS51427RHBT Datasheet HTML 1Page - Texas Instruments TPS51427RHBT Datasheet HTML 2Page - Texas Instruments TPS51427RHBT Datasheet HTML 3Page - Texas Instruments TPS51427RHBT Datasheet HTML 4Page - Texas Instruments TPS51427RHBT Datasheet HTML 5Page - Texas Instruments TPS51427RHBT Datasheet HTML 6Page - Texas Instruments TPS51427RHBT Datasheet HTML 7Page - Texas Instruments TPS51427RHBT Datasheet HTML 8Page - Texas Instruments TPS51427RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
ELECTRICAL CHARACTERISTICS
TPS51427
SLUS819A – APRIL 2008 – REVISED MAY 2008 .............................................................................................................................................................. www.ti.com
Over recommended free-air temperature range, VV5DRV = 5 V, VVIN = 12 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLIES
VIN Input Voltage Range
LDO in regulation
5.5
28
V
VIN Operating Supply Current
LDO switched over to VSW, 4.5-V to 5.5-V SMPS
5
10
µA
5.5 V
≤ VVIN ≤ 28 V, TA = +25°C, no load, EN_LDO = 5
VIN Standby Current
115
150
µA
V, EN1 = EN2 = VSW = 0 V
5.5 V
≤ VVIN ≤ 28 V, TA = +25°C, no load, EN_LDO =
VIN Shutdown Current
12
20
µA
EN1 = EN2 = VSW = 0 V
TA = +25°C, no load, EN_LDO = EN1 = EN2 = REFIN2
Quiescent Power Consumption
= 5 V, VFB1 = SKIPSEL = 0 V, VOUT1 = VSW = 5.3 V,
5
7
mW
VOUT2 = 3.5 V
PWM CONTROLLERS
5-V Preset output: 5.5 V
≤ VVIN ≤ 28 V,
4.975
5.125
5.05
VFB1 = 0 V, SKIPSEL = 5 V
(–1.5%)
(+1.5%)
1.5-V Preset output: 5.5 V
≤ VVIN ≤ 28 V,
1.482
1.518
VOUT1 Output Voltage Accuracy
1.50
V
VFB1 = 5V, SKIPSEL = 5V
(–1.2%)
(+1.2%)
Adjustable feedback output,
0.693
0.707
0.70
5.5 V
≤ VVIN ≤ 28 V, SKIPSEL = 5 V
(–1%)
(+1%)
VOUT1 Voltage Adjust Range
0.707
5.900
V
5-V Preset output
0.20
V
VFB1 Threshold Voltage
1.5-V Preset output
3.90
V
VFB1 Input Current
VFB1 = 0.8 V
–0.20
0.20
µA
3.285
3.375
3.3-V Preset output: REFIN2 = 5 V, 5.5 V
≤ VVIN ≤ 28 V,
3.33
SKIPSEL = 5 V
(–1.4%)
(+1.4%)
1.038
1.062
1.05-V Preset output: REFIN2 = 3.3 V,
VOUT2 Output Voltage Accuracy
1.05
V
5.5 V
≤ VVIN ≤ 28 V, SKIPSEL= 5 V
(-1.2%)
(+1.2%)
0.99
1.01
Tracking output: REFIN2 = 1.0 V, 5.5 V
≤ VVIN ≤ 28 V,
1.00
SKIPSEL = 5 V
(-1%)
(+1%)
REFIN2 Voltage Adjust Range
0.50
2.50
V
REFIN2 Input Current
0.5 V
≤ VVREFIN2 ≤ 2.5 V
–0.2
0.2
µA
1.05-V Preset output
3.00
3.45
REFIN2 Threshold Voltage
V
3.3-V Preset output
3.90
Either SMPS, SKIPSEL = 5 V, 0 A to 5 A(1)
–0.10%
DC Load Regulation
Either SMPS, SKIPSEL = 2 V, 0 A to 5 A(1)
–2.20%
Either SMPS, SKIPSEL = GND, 0 A to 5 A(1)
–0.50%
Line Regulation
Either SMPS, 5.5 V < VIN < 28 V(1)
0.005
%/V
TONSEL = 0 V, 2 V, or OPEN (400 kHz),
895
1052
1209
VOUT1 = 5.05 V
Channel1 On-Time
ns
TONSEL = 5 V (200 kHz), VOUT1 = 5.05 V
1895
2105
2315
TONSEL = 0 V (500 kHz), VOUT2 = 3.33 V
475
555
635
Channel2 On-Time
ns
TONSEL = 2 V, OPEN, or 5 V (300 kHz),
833
925
1017
VOUT2 = 3.33 V
Minimum Off-Time
300
400
475
ns
Soft Start Ramp Time
Zero to full limit
1.8
ms
VOUT1, VOUT2 Discharge On
EN1 = EN2 = 0 V, VOUT1 = VOUT2 = 0.5 V
17
35
Resistance
OOA Operating Frequency
SKIPSEL = 2 V or OPEN
22
30
kHz
(1)
Ensured by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS51427


Similar Part No. - TPS51427RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51427RHBT TI-TPS51427RHBT Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427RHBT TI1-TPS51427RHBT Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results

Similar Description - TPS51427RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51427A TI1-TPS51427A Datasheet
2Mb / 42P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI1-TPS51427_12 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427A TI-TPS51427A_15 Datasheet
2Mb / 43P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com