Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJFA1R2KF2 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELJFA1R2KF2
Description  Fixed Inductors (Chip Inductors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFA1R2KF2 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELJFA1R2KF2 Datasheet HTML 1Page - Panasonic Semiconductor ELJFA1R2KF2 Datasheet HTML 2Page - Panasonic Semiconductor ELJFA1R2KF2 Datasheet HTML 3Page - Panasonic Semiconductor ELJFA1R2KF2 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.4
±0.2
Marking
2.5
+0.3
–0.2
3.5 to 4.0
1.4 to 1.5
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
FC Type 2520 (1008)
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(µH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJFCR22 F
0.22
M : ±20 %
or
K : ±10 %
25.2
25
25.2
230
0.70
190
ELJFCR27 F
0.27
210
0.75
180
ELJFCR33 F
0.33
190
0.85
170
ELJFCR39 F
0.39
175
0.95
160
ELJFCR47 F
0.47
160
1.00
155
ELJFCR56 F
0.56
155
1.10
150
ELJFCR68 F
0.68
135
1.25
140
ELJFCR82 F
0.82
125
1.40
130
ELJFC1R0 F
1.0
K : ±10 %
or
J : ± 5 %
7.96
7.96
115
0.65
195
ELJFC1R2 F
1.2
100
0.75
180
ELJFC1R5 F
1.5
90
0.85
170
ELJFC1R8 F
1.8
85
0.95
160
ELJFC2R2 F
2.2
80
1.05
155
ELJFC2R7 F
2.7
75
1.20
145
ELJFC3R3 F
3.3
65
1.30
135
ELJFC3R9 F
3.9
60
1.40
130
ELJFC4R7 F
4.7
55
1.55
125
ELJFC5R6 F
5.6
50
1.75
120
ELJFC6R8 F
6.8
45
1.95
115
ELJFC8R2 F
8.2
40
2.20
105
ELJFC100 F10
2.52
2.52
32
3.70
80
ELJFC120 F1230
4.10
75
ELJFC150 F1528
5.00
70
ELJFC180 F1825
5.40
65
ELJFC220 F2222
6.00
60
ELJFC270 F27
20
21
6.30
115
ELJFC330 F3320
7.10
110
ELJFC390 F3918
9.50
90
ELJFC470 F4717
11.0
80
ELJFC560 F5616
12.1
75
ELJFC680 F6815
16.6
70
ELJFC820 F8213
19.0
65
ELJFC101 F
100
0.796
15
0.796
12
21.0
60
Standard Packing Quantity
2000 pcs./Reel
Standard Parts
: Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Feb. 2006


Similar Part No. - ELJFA1R2KF2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFA1R2KF2 PANASONIC-ELJFA1R2KF2 Datasheet
96Kb / 4P
   General Use FC, FA, FB General use wire wound, resin molded chip inductor.
ELJFA1R2KF2 PANASONIC-ELJFA1R2KF2 Datasheet
80Kb / 4P
   3. General use FC, FA, FB
ELJFA1R2KF2 PANASONIC-ELJFA1R2KF2_12 Datasheet
96Kb / 4P
   General Use FC, FA, FB General use wire wound, resin molded chip inductor.
More results

Similar Description - ELJFA1R2KF2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com