Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSTCC3M64G53-R0 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # CSTCC3M64G53-R0
Description  Specification of Piezoelectric Ceramic Resonator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCC3M64G53-R0 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  CSTCC3M64G53-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
仕様書番号
Drawing No. JGC42-4929
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.
P. 4/13
5-4 はんだ耐熱性
Resistance to
Soldering Heat
(1)リフロー方式
(1)Re-flow
Soldering
下記プロファイルのリフロー炉に2回通した
後、常温に取り出し1時間後測定する。
Components shall be measured after applying
twice of the re-flow soldering with following
temperature profile and leaving in natural
condition for 1 hour.
Gradual
Cooling
徐冷
加熱部
Heating
Pre-heating
ピーク
Peak
予熱
(150-180°C)
60 - 120 秒 / sec.
(230°C)
(260°C 以下 / max.)
30 秒以上
sec. min.
40 秒以内
sec. max.
120 秒以上
sec. min.
150
180
230
表1及び4-3を満足しま
す。
The measured values
shall meet Table 1 and
4-3.
(2)コテ付け方式
(2)Soldering
with iron
温度+300±5℃で3.0±0.5秒間当て、常温に24
時間放置後に測定する。但し、はんだこて先は
電極部に直接接触しない事とする。
Components shall be measured after soldering
at +300±5°C for 3.0±0.5 seconds and leaving in
natural condition for 24 hours. The soldering
iron shall not touch the components while
soldering.
外観に異常がなく、表
1 及び 4-3 を満 足 しま
す。
No visible damage and
the measured values
shall meet Table 1 and
4-3.
5-5 はんだ付性
Solderability
LFはんだ (Sn-3Ag-0.5Cu)
PCT装置にて温度+105
°C、湿度100%R.H.飽和
の条件で、4時間のエージングをした後、端子
部分をロジンメタノール液に5秒浸した後、
+245
±5°Cの溶融はんだ中に3±0.5秒間浸す。
LF Solder (Sn-3Ag-0.5Cu)
After being kept in pressure cooker at +105
°C
temperature
and
100%R.H.
for
4
hours,
terminals of components shall be immersed in
a soldering bath at temperature of
+245
±5°C
for 3
±0.5 seconds after being placed in a rosin-
methanol for 5 seconds.
端子の90%以上にはん
だが付着します。
The solder shall coat at
least
90%
of
the
surface of terminal.
5-6 耐洗浄性
Washability
表2に示します。
See Table 2.
外観に異常がなく、表
1 及び 4-3 を満足しま
す。
No visible damage and
the measured values
shall meet Table 1 and
4-3.


Similar Part No. - CSTCC3M64G53-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTCC3M64G53-R0 MURATA1-CSTCC3M64G53-R0 Datasheet
309Kb / 2P
   Crystal Units/MEMS Resonators
02/28/2024
CSTCC3M64G53-R0 MURATA1-CSTCC3M64G53-R0_V01 Datasheet
309Kb / 2P
   Crystal Units/MEMS Resonators
02/28/2024
More results

Similar Description - CSTCC3M64G53-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 8, 2019
CSTNE16M0V53Z000R0 MURATA1-CSTNE16M0V53Z000R0_V01 Datasheet
695Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
April 23, 2019
CSTNE17M2V53L000R0 MURATA1-CSTNE17M2V53L000R0 Datasheet
664Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 5, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com