Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28231PWR Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC28231PWR
Description  Advanced PWM Controller For Bus Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28231PWR Datasheet(HTML) 7 Page - Texas Instruments

  UCC28231PWR Datasheet HTML 1Page - Texas Instruments UCC28231PWR Datasheet HTML 2Page - Texas Instruments UCC28231PWR Datasheet HTML 3Page - Texas Instruments UCC28231PWR Datasheet HTML 4Page - Texas Instruments UCC28231PWR Datasheet HTML 5Page - Texas Instruments UCC28231PWR Datasheet HTML 6Page - Texas Instruments UCC28231PWR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.ti.com
PINOUT DIAGRAMS
UCC28230
UCC28231
SLUS814 – FEBRUARY 2008
TERMINAL FUNCTIONS
DFN-12
TSSOP-14
NAME
I/O
FUNCTION
PIN #
VREF is a 10-mA output reference, 1.5% accurate 5 V for UCC28230 and 3.3 V for
UCC28231. The reference voltage has short circuit protection that can be used for fixed
1
1
VREF
O
switching frequency setting and/or for housekeeping microcontroller. Place decoupling
capacitor in the range of 1
µF to 2.2 µF from this pin to GND.
The off-time control threshold pin uses a resistor divider to set current level as
2
2
OST
I
percentage of current limit threshold below which TOFF starts increasing and reaches its
maximum value at no load condition.
3
3
OS
I
Nominal off time, TOFF, set pin.
4
NC
No connection pin, TSSOP-14 only.
Oscillator timing input pin. The external resistor which is connected between this pin and
4
5
RT
I
VIN sets the oscillator frequency which varies with VIN. Tieing the external resistor to
VREF sets fixed frequency operation independent of VIN.
Input for setting the adjustable soft-start and hiccup mode. Place the soft-start capacitor
from this pin to GND. The internal charge/discharge current ISS and an external
5
6
SS
I/O
capacitor value set the soft-start timing, duration of cycle-by-cycle current limit and OFF
time for hiccup mode operation.
Current sensing pin used for cycle-by-cycle current limit, short circuit protection and off
6
7
CS
time control.
8
AGND
Analog ground, TSSOP-14 only.
7
9
GND
Ground pin connected to thermal pad. All signals are referenced to this node.
0.2-A sink/source switching output pin. Connect this pin to an external driver that
8
10
O2_DIN
O
provides 1-D pulse.
0.2-A sink/source switching output pin. Connect this pin to an external driver that
9
11
O2_D
O
provides D pulse.
0.2-A sink/source switching output pin. Connect this pin to an external driver that
10
12
O1_DIN
O
provides 1-D pulse.
0.2-A sink/source switching output pin. Connect this pin to an external driver that
11
13
O1_D
O
provides D pulse.
Connect this pin to a 7-V to 17-V bias supply. Place a high quality at least 1-
µF ceramic
12
14
VDD
I
bypass capacitor from this pin to GND.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): UCC28230 UCC28231


Similar Part No. - UCC28231PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28231PWR TI-UCC28231PWR Datasheet
2Mb / 46P
[Old version datasheet]   Advanced PWM Controller for Bus Converters
More results

Similar Description - UCC28231PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28230 TI-UCC28230_15 Datasheet
2Mb / 50P
[Old version datasheet]   Advanced PWM Controller for Bus Converters
UCC28230_0806 TI-UCC28230_0806 Datasheet
2Mb / 46P
[Old version datasheet]   Advanced PWM Controller for Bus Converters
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC1638 TI-UC1638 Datasheet
304Kb / 9P
[Old version datasheet]   Advanced PWM Motor Controller
logo
Intersil Corporation
ISL6744 INTERSIL-ISL6744 Datasheet
403Kb / 18P
   Intermediate Bus PWM Controller
ISL6744A INTERSIL-ISL6744A Datasheet
344Kb / 18P
   Intermediate Bus PWM Controller
ISL6744AAUZ INTERSIL-ISL6744AAUZ Datasheet
345Kb / 18P
   Intermediate Bus PWM Controller
October 8, 2007
ISL6744AU INTERSIL-ISL6744AU Datasheet
323Kb / 18P
   Intermediate Bus PWM Controller
September 22, 2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com