Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDNS-2100001 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HDNS-2100001
Description  Solid-State Optical Mouse Sensor
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDNS-2100001 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HDNS-2100001 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDNS-2100001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDNS-2100001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDNS-2100001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDNS-2100001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDNS-2100001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDNS-2100001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDNS-2100001 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDNS-2100001 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
2
Pinout
Pin
Pin
Description
1
SCLK
Serial port clock (input)
2
XA
XA quadrature output
3
XB
XB quadrature output
4
YB
YB quadrature output
5
YA
YA quadrature output
6
XY_LED
LED control
7
REFA
Internal reference
8
REFB
Internal reference
9
OSC_IN
Oscillator input
10
GND
System ground
11
OSC_OUT
Oscillator output
12
GND
System ground
13
VDD
5.0 volt power supply
14
R_BIN
LED current bin resistor
15
PD
Power down pin, active high
16
SDIO
Serial data (input and output)
Figure 1. Top view.
Figure 2. Package outline drawing.
A2051
YYWW
SCLK
1
XA
2
XB
3
YB
4
YA
5
XY_LED
6
REFA
7
REFB
8
SDIO
16
PD
15
R_BIN
14
VDD
13
GND
12
OSC_OUT
11
GND
10
OSC_IN
9
KAPTON TAPE
3.18
(0.125)
9.10
(0.358)
12.34
(0.486)
NOTES:
1. DIMENSIONS IN MILLIMETERS (INCHES).
2. DIMENSIONAL TOLERANCE: ± 0.1 mm.
3. COPLANARITY OF LEADS: 0.1 mm.
4. LEAD PITCH TOLERANCE: ± 0.15 mm.
5. CUMULATIVE PITCH TOLERANCE: ± 0.15 mm.
6. ANGULAR TOLERANCE: ± 3.0 DEGREES.
7. MAXIMUM FLASH + 0.2 mm.
8. CHAMFER (25 DEGREES x 2) ON THE TAPER SIDE OF THE LEAD.
1.42
(0.056)
0.99
(0.039)
6.17
(0.243)
5° TYP.
0.25
(0.010)
PIN 1
22.30
(0.878)
2.54
(0.100)
1.27
(0.050)
0.50
(0.020)
LEAD WIDTH
LEAD OFFSET
LEAD PITCH
13.38
(0.527)
6.02
(0.237)
4.55
(0.179)
∅ 5.60
(0.220)
∅ 0.80
(0.032)
5.15
(0.203)
Outline Drawing of ADNS-2051 Optical Mouse Sensor


Similar Part No. - HDNS-2100001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDNS-2100001 HP-HDNS-2100001 Datasheet
116Kb / 1P
   Solid-State Optical Mouse Sensor
HDNS-2100001 HP-HDNS-2100001 Datasheet
172Kb / 2P
   Solid-State Optical Mouse Lens
logo
AVAGO TECHNOLOGIES LIMI...
HDNS-2100001 AVAGO-HDNS-2100001 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
More results

Similar Description - HDNS-2100001

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ADNK-5000 BOARDCOM-ADNK-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNK-2620 HP-ADNK-2620 Datasheet
116Kb / 1P
   Solid-State Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5000 AVAGO-ADNK-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
Analog Devices
ADNK-2030 AD-ADNK-2030 Datasheet
121Kb / 1P
   Solid-State Optical Mouse Sensor Sample Kit
logo
Agilent(Hewlett-Packard...
HDNS-2100 HP-HDNS-2100 Datasheet
172Kb / 2P
   Solid-State Optical Mouse Lens
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5100 AVAGO-ADNS-5100 Datasheet
228Kb / 4P
   Solid-State Optical Mouse Lens
ADNS-2120 AVAGO-ADNS-2120 Datasheet
123Kb / 4P
   Solid-State Optical Mouse Lens
logo
ELM Electronics
ELM701 ELM-ELM701 Datasheet
21Kb / 3P
   Solid State Mouse
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com