Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDNS-2200001 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HDNS-2200001
Description  Solid-State Optical Mouse Sensor
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDNS-2200001 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HDNS-2200001 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDNS-2200001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDNS-2200001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDNS-2200001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDNS-2200001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDNS-2200001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDNS-2200001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDNS-2200001 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDNS-2200001 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
Agilent ADNS-2051
Optical Mouse Sensor
Data Sheet
Features
• Precise optical navigation tech-
nology
• No mechanical moving parts
• Complete 2D motion sensor
• Serial interface and/or
quadrature interface
• Smooth surface navigation
• Programmable frame speed up to
2300 frames per sec (fps)
• Accurate motion up to 14 ips
• 800 cpi resolution
• High reliability
• High speed motion detector
• No precision optical alignment
• Wave solderable
• Single 5.0 volt power supply
• Shutdown pin for USB suspend
mode operation
• Power conservation mode during
times of no movement
• On chip LED drive with regulated
current
• Serial port registers
– Programming
– Data transfer
• 16-pin staggered dual inline
package (DIP)
Applications
• Mice for desktop PCs,
workstations, and portable PCs
• Trackballs
• Integrated input devices
Description
The ADNS-2051 is a low cost
optical sensor used to implement a
non-mechanical tracking engine for
computer mice.
It is based on optical navigation
technology, which measures
changes in position by optically
acquiring sequential surface images
(frames) and mathematically deter-
mining the direction and magnitude
of movement.
The sensor is housed in a 16-pin
staggered dual inline package (DIP)
that is designed for use with the
HDNS-2100 Lens and HDNS-2200
Clip and HLMP-ED80-XXXXX
(639 nm LED illuminator source).
There are no moving parts, and
precision optical alignment is not
required, facilitating high volume
assembly.
The output format is two channel
quadrature (X and Y direction)
which emulates encoder photo-
transistors. The current X and Y
information are also available in
registers accessed via a serial port.
Default resolution is specified as
400 counts per inch (cpi), with
rates of motion up to 14 inches
per second (ips).
Resolution can also be pro-
grammed to 800 cpi.
The part is programmed via a two
wire serial port, through registers.
Theory of Operation
The ADNS-2051 is based on
Optical Navigation Technology.
It contains an Image Acquisition
System (IAS), a Digital Signal
Processor (DSP), a two-channel
quadrature output, and a two wire
serial port.
The IAS acquires microscopic
surface images via the lens and
illumination system provided by
the HDNS-2100, 2200, and
HLMP-ED80-XXXXX LED. These
images are processed by the DSP
to determine the direction and
distance of motion. The DSP
generates the
∆x and ∆y relative
displacement values that are
converted into two channel
quadrature signals.


Similar Part No. - HDNS-2200001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDNS-2200001 HP-HDNS-2200001 Datasheet
116Kb / 1P
   Solid-State Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HDNS-2200001 AVAGO-HDNS-2200001 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
More results

Similar Description - HDNS-2200001

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ADNK-5000 BOARDCOM-ADNK-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNK-2620 HP-ADNK-2620 Datasheet
116Kb / 1P
   Solid-State Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5000 AVAGO-ADNK-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
Analog Devices
ADNK-2030 AD-ADNK-2030 Datasheet
121Kb / 1P
   Solid-State Optical Mouse Sensor Sample Kit
logo
Agilent(Hewlett-Packard...
HDNS-2100 HP-HDNS-2100 Datasheet
172Kb / 2P
   Solid-State Optical Mouse Lens
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5100 AVAGO-ADNS-5100 Datasheet
228Kb / 4P
   Solid-State Optical Mouse Lens
ADNS-2120 AVAGO-ADNS-2120 Datasheet
123Kb / 4P
   Solid-State Optical Mouse Lens
logo
ELM Electronics
ELM701 ELM-ELM701 Datasheet
21Kb / 3P
   Solid State Mouse
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com