Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APKA4110MGC Datasheet(PDF) 4 Page - Kingbright Corporation

Part # APKA4110MGC
Description  4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APKA4110MGC Datasheet(HTML) 4 Page - Kingbright Corporation

  APKA4110MGC Datasheet HTML 1Page - Kingbright Corporation APKA4110MGC Datasheet HTML 2Page - Kingbright Corporation APKA4110MGC Datasheet HTML 3Page - Kingbright Corporation APKA4110MGC Datasheet HTML 4Page - Kingbright Corporation APKA4110MGC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPEC NO:
$
D1194
REV NO: V.3
DATE: JUL/04/2005
PAGE: 4 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: S.H.CHEN
ERP:1204000249-01
APKA4110MGC
Tape Specifications
(Units : mm)
Recommended Soldering Pattern
(Units : mm)


Similar Part No. - APKA4110MGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APKA4110MGCK KINGBRIGHT-APKA4110MGCK Datasheet
152Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - APKA4110MGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APKA4110SYC KINGBRIGHT-APKA4110SYC Datasheet
154Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BB90W SUNLED-ZM2BB90W Datasheet
194Kb / 4P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APKA4110SURC KINGBRIGHT-APKA4110SURC Datasheet
154Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110MGCK KINGBRIGHT-APKA4110MGCK Datasheet
152Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110MBC KINGBRIGHT-APKA4110MBC Datasheet
162Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZMD90W SUNLED-ZMD90W Datasheet
189Kb / 4P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APKA4110SYCK-F01 KINGBRIGHT-APKA4110SYCK-F01 Datasheet
294Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110VGC-A-F01 KINGBRIGHT-APKA4110VGC-A-F01 Datasheet
278Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110QBC-D-F01 KINGBRIGHT-APKA4110QBC-D-F01 Datasheet
300Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110SURCK-F01 KINGBRIGHT-APKA4110SURCK-F01 Datasheet
295Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110ZGC-F01 KINGBRIGHT-APKA4110ZGC-F01 Datasheet
302Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com